Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 24 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 24 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 20Page - Altera Corporation 5CSXFC6D Datasheet HTML 21Page - Altera Corporation 5CSXFC6D Datasheet HTML 22Page - Altera Corporation 5CSXFC6D Datasheet HTML 23Page - Altera Corporation 5CSXFC6D Datasheet HTML 24Page - Altera Corporation 5CSXFC6D Datasheet HTML 25Page - Altera Corporation 5CSXFC6D Datasheet HTML 26Page - Altera Corporation 5CSXFC6D Datasheet HTML 27Page - Altera Corporation 5CSXFC6D Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Minimum Frequency (MHz)
Maximum Frequency (MHz)
Voltage
(V)
Interface
Soft Controller
Hard Controller
167
300
400
1.8
DDR2 SDRAM
167
300
333
1.2
LPDDR2 SDRAM
Related Information
External Memory Interface Spec Estimator
For the latest information and to estimate the external memory system performance specification, use Altera's
External Memory Interface Spec Estimator tool.
HPS External Memory Performance
Table 21: HPS External Memory Interface Performance
The hard processor system (HPS) is available in Cyclone V SoC devices only.
HPS Hard Controller (MHz)
Voltage (V)
Interface
400
1.5
DDR3 SDRAM
400
1.35
400
1.8
DDR2 SDRAM
333
1.2
LPDDR2 SDRAM
Related Information
External Memory Interface Spec Estimator
For the latest information and to estimate the external memory system performance specification, use Altera's
External Memory Interface Spec Estimator tool.
Low-Power Serial Transceivers
Cyclone V devices deliver the industry’s lowest power 6.144 Gbps transceivers at an estimated 88 mW
maximum power consumption per channel. Cyclone V transceivers are designed to be compliant with a
wide range of protocols and data rates.
Transceiver Channels
The transceivers are positioned on the left outer edge of the device. The transceiver channels consist of the
physical medium attachment (PMA), physical coding sublayer (PCS), and clock networks.
Cyclone V Device Overview
Altera Corporation
Send Feedback
CV-51001
HPS External Memory Performance
24
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com