Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 21 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 21 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 17Page - Altera Corporation 5CSXFC6D Datasheet HTML 18Page - Altera Corporation 5CSXFC6D Datasheet HTML 19Page - Altera Corporation 5CSXFC6D Datasheet HTML 20Page - Altera Corporation 5CSXFC6D Datasheet HTML 21Page - Altera Corporation 5CSXFC6D Datasheet HTML 22Page - Altera Corporation 5CSXFC6D Datasheet HTML 23Page - Altera Corporation 5CSXFC6D Datasheet HTML 24Page - Altera Corporation 5CSXFC6D Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Total RAM Bit (Kb)
MLAB
M10K
Member
Code
Variant
RAM Bit (Kb)
Block
RAM Bit (Kb)
Block
4,884
424
679
4,460
446
D5
Cyclone V GT
7,696
836
1338
6,860
686
D7
13,917
1,717
2748
12,200
1,220
D9
1,538
138
221
1,400
140
A2
Cyclone V SE
2,460
231
370
2,700
270
A4
4,450
480
768
3,970
397
A5
5,761
621
994
5,570
557
A6
1,538
138
221
1,400
140
C2
Cyclone V SX
2,460
231
370
2,700
270
C4
4,450
480
768
3,970
397
C5
5,761
621
994
5,570
557
C6
4,450
480
768
3,970
397
D5
Cyclone V ST
5,761
621
994
5,570
557
D6
Embedded Memory Configurations
Table 19: Supported Embedded Memory Block Configurations for Cyclone V Devices
This table lists the maximum configurations supported for the embedded memory blocks. The information is
applicable only to the single-port RAM and ROM modes.
Programmable Width
Depth (bits)
Memory Block
x16, x18, or x20
32
MLAB
x40 or x32
256
M10K
x20 or x16
512
x10 or x8
1K
x5 or x4
2K
x2
4K
x1
8K
Clock Networks and PLL Clock Sources
Cyclone V devices have 16 global clock networks capable of up to 550 MHz operation. The clock network
architecture is based on Altera's global, quadrant, and peripheral clock structure. This clock structure is
supported by dedicated clock input pins and fractional PLLs.
To reduce power consumption, the Quartus II software identifies all unused sections of the clock
network and powers them down.
Note:
Altera Corporation
Cyclone V Device Overview
Send Feedback
21
Embedded Memory Configurations
CV-51001
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com