Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 13 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 13 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 9Page - Altera Corporation 5CSXFC6D Datasheet HTML 10Page - Altera Corporation 5CSXFC6D Datasheet HTML 11Page - Altera Corporation 5CSXFC6D Datasheet HTML 12Page - Altera Corporation 5CSXFC6D Datasheet HTML 13Page - Altera Corporation 5CSXFC6D Datasheet HTML 14Page - Altera Corporation 5CSXFC6D Datasheet HTML 15Page - Altera Corporation 5CSXFC6D Datasheet HTML 16Page - Altera Corporation 5CSXFC6D Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Figure 5: Sample Ordering Code and Available Options for Cyclone V SX Devices
Family Signature
Embedded Hard IPs
Transceiver Count
Transceiver
Speed Grade
Package Type
Package Code
Operating Temperature
FPGA Fabric
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
SX : SoC with 3-Gbps transceivers
F : Maximum 2 hard PCIe
controllers and 1 hard
memory controller
5C : Cyclone V
C2 : 25K logic elements
C4 : 40K logic elements
C5 : 85K logic elements
C6 : 110K logic elements
C : 6
D : 9
6 : 3.125 Gbps
F : FineLine BGA (FBGA)
U : Ultra FineLine BGA (UBGA)
FBGA Package Type
31 : 896 pins
UBGA Package Type
23 : 672 pins
C : Commercial (TJ = 0° C to 85° C)
I
: Industrial (TJ = -40° C to 100° C)
A : Automotive (TJ = -40° C to 125° C)
6 (fastest)
7
8
N : Lead-free packaging
Contact Altera for availability
of leaded options
ES : Engineering sample
5C
SX
F
C6
D
6
F
31
C
6
N
Member Code
Family Variant
Maximum Resources
Table 12: Maximum Resource Counts for Cyclone V SX Devices
Member Code
Resource
C6
C5
C4
C2
110
85
40
25
Logic Elements (LE) (K)
41,509
32,075
15,094
9,434
ALM
166,036
128,300
60,376
37,736
Register
5,570
3,970
2,700
1,400
M10K
Memory (Kb)
621
480
231
138
MLAB
112
87
84
36
Variable-precision DSP Block
224
174
168
72
18 x 18 Multiplier
6
6
5
5
FPGA PLL
3
3
3
3
HPS PLL
9
9
6
6
3 Gbps Transceiver
288
288
145
145
FPGA GPIO
(6)
181
181
181
181
HPS I/O
72
72
32
32
Transmitter
LVDS
72
72
37
37
Receiver
(6) The number of GPIOs does not include transceiver I/Os. In the Quartus II software, the number of user I/Os
includes transceiver I/Os.
Altera Corporation
Cyclone V Device Overview
Send Feedback
13
Maximum Resources
CV-51001
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com