Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 19 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 19 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 15Page - Altera Corporation 5CSXFC6D Datasheet HTML 16Page - Altera Corporation 5CSXFC6D Datasheet HTML 17Page - Altera Corporation 5CSXFC6D Datasheet HTML 18Page - Altera Corporation 5CSXFC6D Datasheet HTML 19Page - Altera Corporation 5CSXFC6D Datasheet HTML 20Page - Altera Corporation 5CSXFC6D Datasheet HTML 21Page - Altera Corporation 5CSXFC6D Datasheet HTML 22Page - Altera Corporation 5CSXFC6D Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
DSP Block Resource
Multiplier Size (Bit)
Usage Example
1
One 27 x 27 with
accumulate
High precision fixed- or floating-point
implementations
You can configure each DSP block during compilation as independent three 9 x 9, two 18 x 18, or one 27 x 27
multipliers. With a dedicated 64 bit cascade bus, you can cascade multiple variable-precision DSP blocks to
implement even higher precision DSP functions efficiently.
Table 17: Number of Multipliers in Cyclone V Devices
The table lists the variable-precision DSP resources by bit precision for each Cyclone V device.
18 x 18
Multiplier Adder
Summed with
36 bit Input
18 x 18
Multiplier
Adder
Mode
Independent Input and Output
Multiplications Operator
Variable-
precision
DSP Block
Member
Code
Variant
27 x 27
Multiplier
18 x 18
Multiplier
9 x 9
Multiplier
25
25
25
50
75
25
A2
Cyclone V E
66
66
66
132
198
66
A4
150
150
150
300
450
150
A5
156
156
156
312
468
156
A7
342
342
342
684
1,026
342
A9
51
51
51
102
153
51
C3
Cyclone V GX
70
70
70
140
210
70
C4
150
150
150
300
450
150
C5
156
156
156
312
468
156
C7
342
342
342
684
1,026
342
C9
150
150
150
300
450
150
D5
Cyclone V GT
156
156
156
312
468
156
D7
342
342
342
684
1,026
342
D9
36
36
36
72
108
36
A2
Cyclone V SE
84
84
84
168
252
84
A4
87
87
87
174
261
87
A5
112
112
112
224
336
112
A6
36
36
36
72
108
36
C2
Cyclone V SX
84
84
84
168
252
84
C4
87
87
87
174
261
87
C5
112
112
112
224
336
112
C6
Altera Corporation
Cyclone V Device Overview
Send Feedback
19
Variable-Precision DSP Block
CV-51001
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com