Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 20 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 20 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 16Page - Altera Corporation 5CSXFC6D Datasheet HTML 17Page - Altera Corporation 5CSXFC6D Datasheet HTML 18Page - Altera Corporation 5CSXFC6D Datasheet HTML 19Page - Altera Corporation 5CSXFC6D Datasheet HTML 20Page - Altera Corporation 5CSXFC6D Datasheet HTML 21Page - Altera Corporation 5CSXFC6D Datasheet HTML 22Page - Altera Corporation 5CSXFC6D Datasheet HTML 23Page - Altera Corporation 5CSXFC6D Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
18 x 18
Multiplier Adder
Summed with
36 bit Input
18 x 18
Multiplier
Adder
Mode
Independent Input and Output
Multiplications Operator
Variable-
precision
DSP Block
Member
Code
Variant
27 x 27
Multiplier
18 x 18
Multiplier
9 x 9
Multiplier
87
87
87
174
261
87
D5
Cyclone V ST
112
112
112
224
336
112
D6
Embedded Memory Blocks
The embedded memory blocks in the devices are flexible and designed to provide an optimal amount of
small- and large-sized memory arrays to fit your design requirements.
Types of Embedded Memory
The Cyclone V devices contain two types of memory blocks:
• 10 Kb M10K blocks—blocks of dedicated memory resources. The M10K blocks are ideal for larger memory
arrays while still providing a large number of independent ports.
• 640 bit memory logic array blocks (MLABs)—enhanced memory blocks that are configured from dual-
purpose logic array blocks (LABs). The MLABs are ideal for wide and shallow memory arrays. The MLABs
are optimized for implementation of shift registers for digital signal processing (DSP) applications, wide
shallow FIFO buffers, and filter delay lines. Each MLAB is made up of ten adaptive logic modules (ALMs).
In the Cyclone V devices, you can configure these ALMs as ten 32 x 2 blocks, giving you one 32 x 20
simple dual-port SRAM block per MLAB.
Embedded Memory Capacity in Cyclone V Devices
Table 18: Embedded Memory Capacity and Distribution in Cyclone V Devices
Total RAM Bit (Kb)
MLAB
M10K
Member
Code
Variant
RAM Bit (Kb)
Block
RAM Bit (Kb)
Block
1,956
196
314
1,760
176
A2
Cyclone V E
3,383
303
485
3,080
308
A4
4,884
424
679
4,460
446
A5
7,696
836
1338
6,860
686
A7
13,917
1,717
2748
12,200
1,220
A9
1,349
159
255
1,190
119
C3
Cyclone V GX
2,795
295
472
2,500
250
C4
4,884
424
679
4,460
446
C5
7,696
836
1338
6,860
686
C7
13,917
1,717
2748
12,200
1,220
C9
Cyclone V Device Overview
Altera Corporation
Send Feedback
CV-51001
Embedded Memory Blocks
20
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com