Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 22 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 22 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 18Page - Altera Corporation 5CSXFC6D Datasheet HTML 19Page - Altera Corporation 5CSXFC6D Datasheet HTML 20Page - Altera Corporation 5CSXFC6D Datasheet HTML 21Page - Altera Corporation 5CSXFC6D Datasheet HTML 22Page - Altera Corporation 5CSXFC6D Datasheet HTML 23Page - Altera Corporation 5CSXFC6D Datasheet HTML 24Page - Altera Corporation 5CSXFC6D Datasheet HTML 25Page - Altera Corporation 5CSXFC6D Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
PLL Features
The PLLs in the Cyclone V devices support the following features:
• Frequency synthesis
• On-chip clock deskew
• Jitter attenuation
• Programmable output clock duty cycles
• PLL cascading
• Reference clock switchover
• Programmable bandwidth
• User-mode reconfiguration of PLLs
• Low power mode for each fractional PLL
• Dynamic phase shift
• Direct, source synchronous, zero delay buffer, external feedback, and LVDS compensation modes
Fractional PLL
In addition to integer PLLs, the Cyclone V devices use a fractional PLL architecture. The devices have up to
eight PLLs, each with nine output counters. You can use the output counters to reduce PLL usage in two
ways:
• Reduce the number of oscillators that are required on your board by using fractional PLLs
• Reduce the number of clock pins that are used in the device by synthesizing multiple clock frequencies
from a single reference clock source
If you use the fractional PLL mode, you can use the PLLs for precision fractional-N frequency
synthesis—removing the need for off-chip reference clock sources in your design.
The transceiver fractional PLLs that are not used by the transceiver I/Os can be used as general purpose
fractional PLLs by the FPGA fabric.
FPGA General Purpose I/O
Cyclone V devices offer highly configurable GPIOs. The following list describes the features of the GPIOs:
• Programmable bus hold and weak pull-up
• LVDS output buffer with programmable differential output voltage (VOD ) and programmable pre-
emphasis
• On-chip parallel termination (RT OCT) for all I/O banks with OCT calibration to limit the termination
impedance variation
• On-chip dynamic termination that has the ability to swap between series and parallel termination,
depending on whether there is read or write on a common bus for signal integrity
• Easy timing closure support using the hard read FIFO in the input register path, and delay-locked loop
(DLL) delay chain with fine and coarse architecture
PCIe Gen1 and Gen2 Hard IP
Cyclone V GX, GT, SX, and ST devices contain PCIe hard IP that is designed for performance and ease-of-use.
The PCIe hard IP consists of the MAC, data link, and transaction layers.
Cyclone V Device Overview
Altera Corporation
Send Feedback
CV-51001
FPGA General Purpose I/O
22
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com