Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 12 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 12 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 8Page - Altera Corporation 5CSXFC6D Datasheet HTML 9Page - Altera Corporation 5CSXFC6D Datasheet HTML 10Page - Altera Corporation 5CSXFC6D Datasheet HTML 11Page - Altera Corporation 5CSXFC6D Datasheet HTML 12Page - Altera Corporation 5CSXFC6D Datasheet HTML 13Page - Altera Corporation 5CSXFC6D Datasheet HTML 14Page - Altera Corporation 5CSXFC6D Datasheet HTML 15Page - Altera Corporation 5CSXFC6D Datasheet HTML 16Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Related Information
I/O Features in Cyclone V Devices
Provides the number of LVDS channels in each device package.
Package Plan
Table 11: Package Plan for Cyclone V SE Devices
The HPS I/O counts are the number of I/Os in the HPS and does not correlate with the number of HPS-specific I/O
pins in the FPGA. Each HPS-specific pin in the FPGA may be mapped to several HPS I/Os.
F896
(31 mm)
U672
(23 mm)
U484
(19 mm)
Member Code
HPS I/O
FPGA GPIO
HPS I/O
FPGA GPIO
HPS I/O
FPGA GPIO
—
—
181
145
151
66
A2
—
—
181
145
151
66
A4
181
288
181
145
151
66
A5
181
288
181
145
151
66
A6
Cyclone V SX
This section provides the available options, maximum resource counts, and package plan for the Cyclone V SX
devices.
The information in this section is correct at the time of publication. For the latest information and to get
more details, refer to the Altera Product Selector.
Related Information
Altera Product Selector
Provides the latest information about Altera products.
Available Options
The following figure shows sample ordering code and lists the options available for Cyclone V SX devices.
Cyclone V Device Overview
Altera Corporation
Send Feedback
CV-51001
Package Plan
12
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com