Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 31 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 31 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 27Page - Altera Corporation 5CSXFC6D Datasheet HTML 28Page - Altera Corporation 5CSXFC6D Datasheet HTML 29Page - Altera Corporation 5CSXFC6D Datasheet HTML 30Page - Altera Corporation 5CSXFC6D Datasheet HTML 31Page - Altera Corporation 5CSXFC6D Datasheet HTML 32Page - Altera Corporation 5CSXFC6D Datasheet HTML 33Page - Altera Corporation 5CSXFC6D Datasheet HTML 34Page - Altera Corporation 5CSXFC6D Datasheet HTML 35Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
capability reduces the size of the device because it allows multiple applications on a single device—saving
the board space and reducing the power consumption.
Altera simplifies the time-intensive task of partial reconfiguration by building this capability on top of the
proven incremental compile and design flow in the Quartus II design software. With the Altera
® solution,
you do not need to know all the intricate device architecture details to perform a partial reconfiguration.
Partial reconfiguration is supported through the FPP x16 configuration interface. You can seamlessly use
partial reconfiguration in tandem with dynamic reconfiguration to enable simultaneous partial reconfiguration
of both the device core and transceivers.
Enhanced Configuration and Configuration via Protocol
Cyclone V devices support 1.8 V, 2.5 V, 3.0 V, and 3.3 V programming voltages and several configuration
modes.
Table 24: Configuration Modes and Features Supported by Cyclone V Devices
Remote System
Update
Partial
Reconfigura-
tion
(17)
Design
Security
Decompres-
sion
Max Data
Rate
(Mbps)
Max Clock
Rate
(MHz)
Data
Width
Mode
Yes
—
Yes
Yes
—
100
1 bit, 4
bits
AS through the
EPCS and EPCQ
serial configura-
tion device
—
—
Yes
Yes
125
125
1 bit
PS through CPLD
or external
microcontroller
Parallel flash loader
—
Yes
Yes
—
125
8 bits
FPP
Yes
Yes
Yes
—
125
16 bits
—
Yes
Yes
Yes
—
—
x1, x2,
and x4
lanes
CvP (PCIe)
—
—
—
—
33
33
1 bit
JTAG
Instead of using an external flash or ROM, you can configure the Cyclone V devices through PCIe using
CvP. The CvP mode offers the fastest configuration rate and flexibility with the easy-to-use PCIe hard IP
block interface. The Cyclone V CvP implementation conforms to the PCIe 100 ms power-up-to-active time
requirement.
Related Information
Configuration via Protocol (CvP) Implementation in Altera FPGAs User Guide
Provides more information about CvP.
(17) Partial reconfiguration is an advanced feature of the device family. If you are interested in using partial
reconfiguration, contact Altera for support.
Altera Corporation
Cyclone V Device Overview
Send Feedback
31
Enhanced Configuration and Configuration via Protocol
CV-51001
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com