Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 4 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 4 Page - Altera Corporation

  5CSXFC6D Datasheet HTML 1Page - Altera Corporation 5CSXFC6D Datasheet HTML 2Page - Altera Corporation 5CSXFC6D Datasheet HTML 3Page - Altera Corporation 5CSXFC6D Datasheet HTML 4Page - Altera Corporation 5CSXFC6D Datasheet HTML 5Page - Altera Corporation 5CSXFC6D Datasheet HTML 6Page - Altera Corporation 5CSXFC6D Datasheet HTML 7Page - Altera Corporation 5CSXFC6D Datasheet HTML 8Page - Altera Corporation 5CSXFC6D Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Cyclone V Device Variants and Packages
Table 3: Device Variants for the Cyclone V Device Family
Description
Variant
Optimized for the lowest system cost and power requirement for a wide spectrum
of general logic and DSP applications
Cyclone V E
Optimized for the lowest cost and power requirement for 614 Mbps to 3.125 Gbps
transceiver applications
Cyclone V GX
The FPGA industry’s lowest cost and lowest power requirement for 6.144 Gbps
transceiver applications
Cyclone V GT
SoC with integrated ARM-based HPS
Cyclone V SE
SoC with integrated ARM-based HPS and 3.125 Gbps transceivers
Cyclone V SX
SoC with integrated ARM-based HPS and 5 Gbps transceivers
Cyclone V ST
Cyclone V E
This section provides the available options, maximum resource counts, and package plan for the Cyclone V E
devices.
The information in this section is correct at the time of publication. For the latest information and to get
more details, refer to the Altera Product Selector.
Related Information
Altera Product Selector
Provides the latest information about Altera products.
Cyclone V Device Overview
Altera Corporation
Send Feedback
CV-51001
Cyclone V Device Variants and Packages
4
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com