Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 15 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 15 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 11Page - Altera Corporation 5CSXFC6D Datasheet HTML 12Page - Altera Corporation 5CSXFC6D Datasheet HTML 13Page - Altera Corporation 5CSXFC6D Datasheet HTML 14Page - Altera Corporation 5CSXFC6D Datasheet HTML 15Page - Altera Corporation 5CSXFC6D Datasheet HTML 16Page - Altera Corporation 5CSXFC6D Datasheet HTML 17Page - Altera Corporation 5CSXFC6D Datasheet HTML 18Page - Altera Corporation 5CSXFC6D Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Figure 6: Sample Ordering Code and Available Options for Cyclone V ST Devices
Family Signature
Embedded Hard IPs
Transceiver Count
Transceiver
Speed Grade
Package Type
Package Code
Operating Temperature
FPGA Fabric
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
ST : SoC with 5-Gbps transceivers
F : 2 hard PCIe controllers
and 1 hard memory controller
5C : Cyclone V
D5 : 85K logic elements
D6 : 110K logic elements
D : 9
5 : 5 Gbps
F : FineLine BGA (FBGA)
31 : 896 pins
C : Commercial (TJ = 0° C to 85° C)
I
: Industrial (TJ = -40° C to 100° C)
A : Automotive (TJ = -40° C to 125° C)
6 (fastest)
7
8
N : Lead-free packaging
Contact Altera for availability
of leaded options
ES : Engineering sample
5C
ST
F
D6
D
5
F
31
C
6
N
Member Code
Family Variant
Maximum Resources
Table 14: Maximum Resource Counts for Cyclone V ST Devices
Member Code
Resource
D6
D5
110
85
Logic Elements (LE) (K)
41,509
32,075
ALM
166,036
128,300
Register
5,570
3,970
M10K
Memory (Kb)
621
480
MLAB
112
87
Variable-precision DSP Block
224
174
18 x 18 Multiplier
6
6
FPGA PLL
3
3
HPS PLL
9
9
5 Gbps Transceiver
288
288
FPGA GPIO
(8)
181
181
HPS I/O
72
72
Transmitter
LVDS
72
72
Receiver
2
2
PCIe Hard IP Block
1
1
FPGA Hard Memory Controller
(8) The number of GPIOs does not include transceiver I/Os. In the Quartus II software, the number of user I/Os
includes transceiver I/Os.
Altera Corporation
Cyclone V Device Overview
Send Feedback
15
Maximum Resources
CV-51001
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com