Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 3 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 3 Page - Altera Corporation

  5CSXFC6D Datasheet HTML 1Page - Altera Corporation 5CSXFC6D Datasheet HTML 2Page - Altera Corporation 5CSXFC6D Datasheet HTML 3Page - Altera Corporation 5CSXFC6D Datasheet HTML 4Page - Altera Corporation 5CSXFC6D Datasheet HTML 5Page - Altera Corporation 5CSXFC6D Datasheet HTML 6Page - Altera Corporation 5CSXFC6D Datasheet HTML 7Page - Altera Corporation 5CSXFC6D Datasheet HTML 8Page - Altera Corporation 5CSXFC6D Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Description
Feature
• Precision clock synthesis, clock delay compensation, and zero delay buffering
(ZDB)
• Integer mode and fractional mode
Phase-locked loops (PLLs)
• 875 megabits per second (Mbps) LVDS receiver and 840 Mbps LVDS
transmitter
• 400 MHz/800 Mbps external memory interface
• On-chip termination (OCT)
• 3.3 V support with up to 16 mA drive strength
FPGA General-purpose I/Os
(GPIOs)
• 614 Mbps to 6.144 Gbps integrated transceiver speed
• Transmit pre-emphasis and receiver equalization
• Dynamic partial reconfiguration of individual channels
Low-power high-speed serial
interface
• Single or dual-core ARM Cortex-A9 MPCore processor-up to 925 MHz
maximum frequency with support for symmetric and asymmetric
multiprocessing
• Interface peripherals—10/100/1000 Ethernet media access control (EMAC),
USB 2.0 On-The-GO (OTG) controller, quad serial peripheral interface
(QSPI) flash controller, NAND flash controller, Secure
Digital/MultiMediaCard (SD/MMC) controller, UART, controller area
network (CAN), serial peripheral interface (SPI), I
2C interface, and up to 85
HPS GPIO interfaces
• System peripherals—general-purpose timers, watchdog timers, direct memory
access (DMA) controller, FPGA configuration manager, and clock and reset
managers
• On-chip RAM and boot ROM
• HPS–FPGA bridges—include the FPGA-to-HPS, HPS-to-FPGA, and
lightweight HPS-to-FPGA bridges that allow the FPGA fabric to issue
transactions to slaves in the HPS, and vice versa
• FPGA-to-HPS SDRAM controller subsystem—provides a configurable
interface to the multiport front end (MPFE) of the HPS SDRAM controller
• ARM CoreSight
JTAG debug access port, trace port, and on-chip trace
storage
HPS
(Cyclone V SE, SX, and ST
devices only)
• Tamper protection—comprehensive design protection to protect your
valuable IP investments
• Enhanced advanced encryption standard (AES) design security features
• CvP
• Partial and dynamic reconfiguration of the FPGA
• Active serial (AS) x1 and x4, passive serial (PS), JTAG, and fast passive parallel
(FPP) x8 and x16 configuration options
Configuration
Altera Corporation
Cyclone V Device Overview
Send Feedback
3
Summary of Cyclone V Features
CV-51001
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com