Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 18 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 18 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 14Page - Altera Corporation 5CSXFC6D Datasheet HTML 15Page - Altera Corporation 5CSXFC6D Datasheet HTML 16Page - Altera Corporation 5CSXFC6D Datasheet HTML 17Page - Altera Corporation 5CSXFC6D Datasheet HTML 18Page - Altera Corporation 5CSXFC6D Datasheet HTML 19Page - Altera Corporation 5CSXFC6D Datasheet HTML 20Page - Altera Corporation 5CSXFC6D Datasheet HTML 21Page - Altera Corporation 5CSXFC6D Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Figure 8: ALM for Cyclone V Devices
FPGA Device
1
2
3
4
5
6
7
8
Adaptive
LUT
Full
Adder
Reg
Reg
Full
Adder
Reg
Reg
You can configure up to 25% of the ALMs in the Cyclone V devices as distributed memory using MLABs.
Related Information
Embedded Memory Capacity in Cyclone V Devices on page 20
Lists the embedded memory capacity for each device.
Variable-Precision DSP Block
Cyclone V devices feature a variable-precision DSP block that supports these features:
• Configurable to support signal processing precisions ranging from 9 x 9, 18 x 18 and 27 x 27 bits natively
• A 64-bit accumulator
• A hard preadder that is available in both 18- and 27-bit modes
• Cascaded output adders for efficient systolic finite impulse response (FIR) filters
• Internal coefficient register banks, 8 deep, for each multiplier in 18- or 27-bit mode
• Fully independent multiplier operation
• A second accumulator feedback register to accommodate complex multiply-accumulate functions
• Efficient support for single-precision floating point arithmetic
• The inferability of all modes by the Quartus II design software
Table 16: Variable-Precision DSP Block Configurations for Cyclone V Devices
DSP Block Resource
Multiplier Size (Bit)
Usage Example
1
Three 9 x 9
Low precision fixed point for video
applications
1
Two 18 x 18
Medium precision fixed point in FIR
filters
1
Two 18 x 18 with
accumulate
FIR filters and general DSP usage
Cyclone V Device Overview
Altera Corporation
Send Feedback
CV-51001
Variable-Precision DSP Block
18
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com