Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5CSXFC6D Datasheet(PDF) 11 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 11 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 7Page - Altera Corporation 5CSXFC6D Datasheet HTML 8Page - Altera Corporation 5CSXFC6D Datasheet HTML 9Page - Altera Corporation 5CSXFC6D Datasheet HTML 10Page - Altera Corporation 5CSXFC6D Datasheet HTML 11Page - Altera Corporation 5CSXFC6D Datasheet HTML 12Page - Altera Corporation 5CSXFC6D Datasheet HTML 13Page - Altera Corporation 5CSXFC6D Datasheet HTML 14Page - Altera Corporation 5CSXFC6D Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Figure 4: Sample Ordering Code and Available Options for Cyclone V SE Devices
Family Signature
Embedded Hard IPs
Package Type
Package Code
Operating Temperature
FPGA Fabric
Speed Grade
Optional Suffix
Indicates specific device
options or shipment method
SE : SoC with enhanced logic/memory
5C : Cyclone V
F : FineLine BGA (FBGA)
U : Ultra FineLine BGA (UBGA)
FBGA Package Type
31 : 896 pins
UBGA Package Type
19 : 484 pins
23 : 672 pins
C : Commercial (TJ = 0° C to 85° C)
I
: Industrial (TJ = -40° C to 100° C)
A : Automotive (TJ = -40° C to 125° C)
6 (fastest)
7
8
Processor Cores
Omit for dual-core
S : Single-core
N : Lead-free packaging
Contact Altera for availability
of leaded options
ES : Engineering sample
5C
SE
M
A6
F
31
C
6
S
N
Member Code
Family Variant
A2 : 25K logic elements
A4 : 40K logic elements
A5 : 85K logic elements
A6 : 110K logic elements
B : No hard PCIe or hard
memory controller
M : No hard PCIe and
1 hard memory controller
Maximum Resources
Table 10: Maximum Resource Counts for Cyclone V SE Devices
Member Code
Resource
A6
A5
A4
A2
110
85
40
25
Logic Elements (LE) (K)
41,509
32,075
15,094
9,434
ALM
166,036
128,300
60,376
37,736
Register
5,570
3,970
2,700
1,400
M10K
Memory (Kb)
621
480
231
138
MLAB
112
87
84
36
Variable-precision DSP Block
224
174
168
72
18 x 18 Multiplier
6
6
5
5
FPGA PLL
3
3
3
3
HPS PLL
288
288
145
145
FPGA GPIO
181
181
181
181
HPS I/O
72
72
32
32
Transmitter
LVDS
72
72
37
37
Receiver
1
1
1
1
FPGA Hard Memory Controller
1
1
1
1
HPS Hard Memory Controller
Single- or dual-core
Single- or dual-
core
Single- or
dual-core
Single- or
dual-core
ARM Cortex-A9 MPCore
Processor
Altera Corporation
Cyclone V Device Overview
Send Feedback
11
Maximum Resources
CV-51001
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com