Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 34 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 30Page - Analog Devices ADF7021 Datasheet HTML 31Page - Analog Devices ADF7021 Datasheet HTML 32Page - Analog Devices ADF7021 Datasheet HTML 33Page - Analog Devices ADF7021 Datasheet HTML 34Page - Analog Devices ADF7021 Datasheet HTML 35Page - Analog Devices ADF7021 Datasheet HTML 36Page - Analog Devices ADF7021 Datasheet HTML 37Page - Analog Devices ADF7021 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 34 of 64
example, using 2FSK with Manchester-encoded data achieves a
data rate tolerance of ±2.0%.
The CDR PLL is designed for fast acquisition of the recovered
symbols during preamble and typically achieves bit synchro-
nization within 5-symbol transitions of preamble.
In 4FSK modulation, the tolerance using the +3, −3, +3, −3
preamble is ±3% of the symbol rate (or ±1.5% of the data rate).
However, this tolerance is reduced during recovery of the
remainder of the packet where symbol transitions may not be
guaranteed to occur at regular intervals. To maximize the
symbol/data rate tolerance, the remainder of the 4FSK packet
should be constructed so that the transmitted symbols retain close
to dc-free properties by using data scrambling and/or by inserting
specific dc balancing symbols that are inserted in the transmitted
bit stream at regular intervals such as after every 8 or 16 symbols.
In 3FSK modulation, the linear convolutional encoder scheme
guarantees that the transmitted symbol sequence is dc-free,
facilitating symbol detection. However, Tx data scrambling is
recommended to limit the run length of zero symbols in the
transmit bit stream. Using 3FSK, the CDR data rate tolerance is
typically ±0.5%.
RECEIVER SETUP
Correlator Demodulator Setup
To enable the correlator for various modulation modes, refer to
Table 16.
Table 16. Enabling the Correlator Demodulator
Received Modulation
DEMOD_SCHEME (R4_DB[4:6])
2FSK
001
3FSK
010
4FSK
011
To optimize receiver sensitivity, the correlator bandwidth must be
optimized for the specific deviation frequency and modulation
used by the transmitter. The discriminator bandwidth is
controlled by R4_DB[10:19] and is defined as
(
)
3
10
400
_
×
×
=
K
CLK
DEMOD
BW
TOR
DISCRIMINA
where:
DEMOD CLK is as defined in the Register 3—Transmit/Receive
Clock Register section.
K is set for each modulation mode according to the following:
For 2FSK,


×
=
DEV
f
Round
K
3
10
100
For 3FSK,


×
×
=
DEV
f
Round
K
2
10
100
3
For 4FSK,


×
×
=
DEV
FSK
f
Round
K
4
10
100
3
4
where:
Round is rounded to the nearest integer.
Round4FSK is rounded to the nearest of the following integers: 32,
31, 28, 27, 24, 23, 20, 19, 16, 15, 12, 11, 8, 7, 4, 3.
fDEV is the transmit frequency deviation in Hz. For 4FSK, fDEV is
the frequency deviation used for the ±1 symbols (that is, the
inner frequency deviations).
To optimize the coefficients of the correlator, R4_DB7 and
R4_DB[8:9] must also be assigned. The value of these bits
depends on whether K is odd or even. These bits are assigned
according to Table 17 and Table 18.
Table 17. Assignment of Correlator K Value for 2FSK and 3FSK
K
K/2
(K + 1)/2
R4_DB7
R4_DB[8:9]
Even
Even
N/A
0
00
Even
Odd
N/A
0
10
Odd
N/A
Even
1
00
Odd
N/A
Odd
1
10
Table 18. Assignment of Correlator K Value for 4FSK
K
R4_DB7
R4_DB[8:9]
Even
0
00
Odd
1
00
Linear Demodulator Setup
The linear demodulator can be used for 2FSK demodulation. To
enable the linear demodulator, set the DEMOD_SCHEME bits
(R4_DB[4:6]) to 000.
Post Demodulator Filter Setup
The 3 dB bandwidth of the post demodulator filter should be
set according to the received modulation type and data rate.
The bandwidth is controlled by R4_DB[20:29] and is given by
CLK
DEMOD
f
BW
DEMOD
POST
CUTOFF
×
×
=
π
2
_
_
11
where fCUTOFF is the target 3 dB bandwidth in Hz of the post
demodulator filter.
Table 19. Post Demodulator Filter Bandwidth Settings for
2FSK/3FSK/4FSK Modulation Schemes
Received
Modulation
Post Demodulator Filter Bandwidth,
fCUTOFF (Hz)
2FSK
0.75 × data rate
3FSK
1 × data rate
4FSK
1.6 × symbol rate (= 0.8 × data rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com