Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 13Page - Analog Devices ADF7021 Datasheet HTML 14Page - Analog Devices ADF7021 Datasheet HTML 15Page - Analog Devices ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 17 of 64
Pin No.
Mnemonic
Description
29
GND2
Ground for Digital Section.
30
ADCIN
Analog-to-Digital Converter Input. The internal 7-bit ADC can be accessed through this pin. Full scale is 0 V to
1.9 V. Readback is made using the SREAD pin.
31
CREG2
Regulator Voltage for Digital Block. Place a 100 nF capacitor between this pin and ground for regulator
stability and noise rejection.
32
VDD2
Voltage Supply for Digital Block. Place a decoupling capacitor of 10 nF as close as possible to this pin.
33
SWD
Sync Word Detect. The ADF7021 asserts this pin when it has found a match for the sync word sequence
(see the Register 11—Sync Word Detect Register section). This provides an interrupt for an external
microcontroller indicating valid data is being received.
34
TxRxDATA
Transmit Data Input/Received Data Output. This is a digital pin and normal CMOS levels apply. In UART/SPI
mode, this pin provides an output for the received data in receive mode. In transmit UART/SPI mode, this pin
is high impedance (see the Interfacing to Microcontroller/DSP section).
35
TxRxCLK
Outputs the data clock in both receive and transmit modes. This is a digital pin and normal CMOS levels
apply. The positive clock edge is matched to the center of the received data. In transmit mode, this pin
outputs an accurate clock to latch the data from the microcontroller into the transmit section at the exact
required data rate. In UART/SPI mode, this pin is used to input the transmit data in transmit mode. In receive
UART/SPI mode, this pin is high impedance (see the Interfacing to Microcontroller/DSP section).
36
CLKOUT
A divided-down version of the crystal reference with output driver. The digital clock output can be used to drive
several other CMOS inputs such as a microcontroller clock. The output has a 50:50 mark-space ratio and is
inverted with respect to the reference. Place a series 1 kΩ resistor as close as possible to the pin in
applications where the CLKOUT feature is being used.
37
MUXOUT
Provides the DIGITAL_LOCK_DETECT Signal. This signal is used to determine if the PLL is locked to the correct
frequency. It also provides other signals such as REGULATOR_READY, which is an indicator of the status of the
serial interface regulator (see the MUXOUT section for more information).
38
OSC2
Connect the reference crystal between this pin and OSC1. A TCXO reference can be used by driving this pin
with CMOS levels and disabling the internal crystal oscillator.
39
OSC1
Connect the reference crystal between this pin and OSC2. A TCXO reference can be used by driving this pin
with ac-coupled 0.8 V p-p levels and by enabling the internal crystal oscillator.
40
VDD3
Voltage Supply for the Charge Pump and PLL Dividers. Decouple this pin to ground with a 10 nF capacitor.
41
CREG3
Regulator Voltage for Charge Pump and PLL Dividers. Place a 100 nF capacitor between this pin and ground
for regulator stability and noise rejection.
42
CPOUT
Charge Pump Output. This output generates current pulses that are integrated in the loop filter. The
integrated current changes the control voltage on the input to the VCO.
43
VDD
Voltage Supply for VCO Tank Circuit. Decouple this pin to ground with a 10 nF capacitor.
44, 46
L2, L1
External VCO Inductor Pins. If using an external VCO inductor, connect a chip inductor across these pins to set
the VCO operating frequency. If using the internal VCO inductor, these pins can be left floating. See the
Voltage Controlled Oscillator (VCO) section for more information.
45, 47
GND, GND1
Grounds for VCO Block.
48
CVCO
Place a 22 nF capacitor between this pin and CREG1 to reduce VCO noise.
49
EPAD
Exposed Pad. The exposed pad must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com