Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 18 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 14Page - Analog Devices ADF7021 Datasheet HTML 15Page - Analog Devices ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 18 of 64
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY OFFSET (MHz)
–150
–140
–130
–120
–110
–100
–90
–80
–70
1
10
100
1000
10000
RF FREQ = 900MHz
VDD = 2.3V
TEMPERATURE = 25°C
VCO BIAS = 8
VCO ADJUST = 3
ICP = 0.8mA
ICP = 1.4mA
ICP = 2.2mA
Figure 11. Phase Noise Response at 900 MHz, VDD = 2.3 V
–40
–36
–32
–28
–24
–20
–16
–12
–8
–4
0
4
8
12
16
0
4
8
12 16 20 24 28 32 36 40 44 48 52 56 60
PA SETTING
PA BIAS = 5µA
PA BIAS = 11µA
PA BIAS = 9µA
PA BIAS = 7µA
Figure 12. RF Output Power vs. PA Setting
VBW 100Hz
START 300MHz
RES BW 100Hz
SWEEP 385.8ms (601pts)
STOP 3.5GHz
RF FREQ = 440MHz
OUTPUT POWER = 10dBm
FILTER = T-STAGE LC FILTER
MARKER
Δ = 52.2dB
1R
1
Figure 13. PA Output Harmonic Response with T-Stage LC Filter
CENTER 869.5 25MHz
RES BW 300Hz
SWEEP 2.118s (601pts)
SPAN 50kHz
DR = 9.6kbps
DATA = PRBS9
fDEV = 2.4kHz
RF FREQ = 869.5MHz
VBW 300Hz
GFSK
FSK
Figure 14. Output Spectrum in 2FSK and GFSK Modes
CENTER 869.5 25MHz
RES BW 300Hz
SWEEP 2.118s (601pts)
VBW 300Hz
SPAN 50kHz
DR = 9.6kbps
DATA = PRBS9
fDEV = 2.4kHz
RF FREQ = 869.5MHz
RC2FSK
2FSK
Figure 15. Output Spectrum in 2FSK and Raised Cosine 2FSK Modes
VBW 300Hz
CENTER 869.493 8MHz
RES BW 300Hz
SWEEP 4.237s (601pts)
SPAN 100kHz
SR = 4.8ksym/s
DATA = PRBS9
fDEV = 2.4kHz
RF FREQ = 869.5MHz
RC4FSK
4FSK
Figure 16. Output Spectrum in 4FSK and Raised Cosine 4FSK Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com