Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 37 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 33Page - Analog Devices ADF7021 Datasheet HTML 34Page - Analog Devices ADF7021 Datasheet HTML 35Page - Analog Devices ADF7021 Datasheet HTML 36Page - Analog Devices ADF7021 Datasheet HTML 37Page - Analog Devices ADF7021 Datasheet HTML 38Page - Analog Devices ADF7021 Datasheet HTML 39Page - Analog Devices ADF7021 Datasheet HTML 40Page - Analog Devices ADF7021 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 37 of 64
Maximum AFC Range
The maximum frequency correction range of the AFC loop is
programmable on the ADF7021. This is set by R10_DB[24:31].
The maximum AFC correction range is the difference in
frequency between the upper and lower limits of the AFC
tuning range. For example, if the maximum AFC correction
range is set to 10 kHz, the AFC can adjust the receiver LO
within the
fLO ± 5 kHz range.
However, when RF_DIVIDE_BY_2 (R1_DB18) is enabled, the
programmed range is halved. The user should account for this
halving by doubling the programmed maximum AFC range.
The recommended maximum AFC correction range should be
≤ 1.5 × IF filter bandwidth. If the maximum frequency correction
range is set to be > 1.5 × IF bandwidth, the attenuation of the IF
filter can degrade the AFC loop sensitivity.
The adjacent channel rejection (ACR) performance of the
receivers can be degraded when AFC is enabled and the AFC
correction range is close to the IF filter bandwidth. However,
because the AFC correction range is programmable, the user
can trade off correction range and ACR performance.
When AFC errors are removed using either the internal or
external AFC, further improvement in receiver sensitivity can
be obtained by reducing the IF filter bandwidth using the
IF_BW bits (R4_DB[30:31]).
AUTOMATIC SYNC WORD DETECTION (SWD)
The ADF7021 also supports automatic detection of the sync or
ID fields. To activate this mode, the sync (or ID) word must be
preprogrammed into the ADF7021. In receive mode, this
preprogrammed word is compared to the received bit stream.
When a valid match is identified, the external SWD pin is
asserted by the ADF7021 on the next Rx clock pulse.
This feature can be used to alert the microprocessor that a
valid channel has been detected. It relaxes the computational
requirements of the microprocessor and reduces the overall
power consumption.
The SWD signal can also be used to frame the received packet
by staying high for a preprogrammed number of bytes. The data
packet length can be set in R12_DB[8:15].
The SWD pin status can be configured by setting R12_DB[6:7].
R11_DB[4:5] are used to set the length of the sync/ID word, which
can be 12, 16, 20, or 24 bits long. A value of 24 bits is recommended
to minimize false sync word detection in the receiver that can
occur during recovery of the remainder of the packet or when
noise/no signal is present at the receiver input. The transmitter
must transmit the sync byte MSB first and the LSB last to ensure
proper alignment in the receiver sync-byte-detection hardware.
An error tolerance parameter can also be programmed that
accepts a valid match when up to 3 bits of the word are
incorrect. The error tolerance value is assigned in R11_DB[6:7].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com