Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 40 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 36Page - Analog Devices ADF7021 Datasheet HTML 37Page - Analog Devices ADF7021 Datasheet HTML 38Page - Analog Devices ADF7021 Datasheet HTML 39Page - Analog Devices ADF7021 Datasheet HTML 40Page - Analog Devices ADF7021 Datasheet HTML 41Page - Analog Devices ADF7021 Datasheet HTML 42Page - Analog Devices ADF7021 Datasheet HTML 43Page - Analog Devices ADF7021 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 40 of 64
INTERNAL
SIGNAL
SOURCE
MUX
RFIN
RFINB
LNA
ADF7021
POLYPHASE
IF FILTER
PHASE ADJUST
I
Q
FROM LO
GAIN ADJUST
REGISTER 5
PHASE ADJUST
REGISTER 5
SERIAL
INTERFACE
4
MICROCONTROLLER
4
RSSI/
LOG AMP
7-BIT ADC
RSSI READBACK
I/Q GAIN/PHASE ADJUST AND
RSSI MEASUREMENT
ALGORITHM
Figure 51. Image Rejection Calibration Using the Internal Calibration Source and a Microcontroller
Using the internal RF source, the RF frequencies that can be
utilized for image calibration are programmable and are odd
multiples of the reference frequency.
Calibration Using External RF Source
IR calibration can also be implemented using an external RF
source. The IR calibration procedure is the same as that used for
the internal RF source, except that an RF tone is applied to the
LNA input.
Calibration Procedure and Setup
The IR calibration algorithm available from Analog Devices, Inc. is
based on a low complexity, 2D optimization algorithm that can
be implemented in an external microprocessor or microcontroller.
To enable the internal RF source, the IR_CAL_SOURCE_
DRIVE_LEVEL bits (R6_DB[28:29]) should be set to the
maximum level. The LNA should be set to its minimum gain
setting, and the AGC should be disabled if the internal source is
being used. Alternatively, an external RF source can be used.
The magnitude of the phase adjust is set by using the IR_PHASE_
ADJUST_MAG bits (R5_DB[20:23]). This correction can be
applied to either the I channel or Q channel, depending on the
value of the IR_PHASE_ADJUST_DIRECTION bit (R5_DB24).
The magnitude of the I/Q gain is adjusted by the IR_GAIN_
ADJUST_MAG bits (R5_DB[25:29]). This correction can be
applied to either the I or Q channel, depending on the value of
IR_GAIN_ADJUST_I/Q bit (R5_DB30), whereas the
IR_GAIN_ADJUST_UP/DN bit (R5_DB31) sets whether
the gain adjustment defines a gain or an attenuation adjust.
The calibration results are valid over changes in the ADF7021
supply voltage. However, there is some variation with temperature.
A typical plot of variation in image rejection over temperature
after initial calibrations at −40°C, +25°C, and +85°C is shown in
Figure 52. The internal temperature sensor on the ADF7021 can
be used to determine if a new IR calibration is required.
0
10
20
30
40
50
60
–60
–40
–20
0
20
40
60
80
100
VDD = 3.0V
IF BW = 25kHz
WANTED SIGNAL:
RF FREQ = 430MHz
MODULATION = 2FSK
DATA RATE = 9.6kbps,
PRBS9
fDEV = 4kHz
LEVEL= –100dBm
INTERFERER SIGNAL:
RF FREQ = 429.8MHz
MODULATION = 2FSK
DATA RATE = 9.6kbps,
PRBS11
fDEV = 4kHz
TEMPERATURE (°C)
CAL AT +25°C
CAL AT +85°C
CAL AT –40°C
Figure 52. Image Rejection Variation with Temperature after Initial
Calibrations at −40°C, +25°C, and +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com