Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 15Page - Analog Devices ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 19 of 64
RES BW 300Hz
CENTER 869.5MHz
VBW 300Hz
SPAN 50Hz
SWEEP2.226s (401pts)
REF 15dBm
SAMP LOG 10dB/
ATTEN 25dB
VAVG 100
V1 V2
S3 FC
DR = 9.6kbps
DATA = PRS9
fDEV = 2.4kHz
RF FREQ = 869.5MHz
3FSK
RC3FSK
Figure 17. Output Spectrum in 3FSK and Raised Cosine 3FSK Modes
FREQUENCY OFFSET (kHz)
0
–10
10
–20
–30
–40
–100
–50
50
0
100
–50
–60
RAMP RATE:
CW ONLY
256 CODES/BIT
128 CODES/BIT
64 CODES/BIT
32 CODES/BIT
TRACE = MAX HOLD
PA ON/OFF RATE = 3Hz
PA ON/OFF CYCLES = 10000
VDD = 3.0V
Figure 18. Output Spectrum in Maximum Hold
for Various PA Ramp Rate Options
–8
–7
–6
–5
–4
–3
–2
–1
0
–122
–120
–118
–116
–114
–112
–110
–108
–106
–104
3.0V, +25°C
3.6V, –40°C
2.3V, +85°C
RF INPUT POWER (dBm)
DATA RATE = 9.6kbps
fDEV = 4kHz
RF FREQ = 868MHz
IF BW = 25kHz
Figure 19. 2FSK Sensitivity vs. VDD and Temperature, fRF = 868 MHz
–8
–7
–6
–5
–4
–3
–2
–1
0
–130 –128 –126 –124 –122 –120 –118 –116 –114 –112 –110 –108
3.6V, –40°C
3.0V, +25°C
2.3V, +85°C
RF INPUT POWER (dBm)
DATA RATE = 1kbps
fDEV = 1kHz
RF FREQ = 135MHz
IF BW = 12.5kHz
Figure 20. 2FSK Sensitivity vs. VDD and Temperature, fRF = 135 MHz
–8
–7
–6
–5
–4
–3
–2
–1
0
–120
–115
–110
–105
–100
–95
RF INPUT POWER (dBm)
2.3V +25°C
3.0V +25°C
3.6V +25°C
2.3V –40°C
3.0V –40°C
3.6V –40°C
2.3V +85°C
3.0V +85°C
3.6V +85°C
3FSK MODULATION
DATA RATE = 9.6kbps
fDEV = 2.4kHz
MOD INDEX = 0.5
RF FREQ = 440 MHz
Figure 21. 3FSK Sensitivity vs. VDD and Temperature, fRF = 440 MHz
–8
–7
–6
–5
–4
–3
–2
–1
0
–120
–115
–110
–105
–100
–95
RF INPUT POWER (dBm)
2.3V +25°C
3.0V +25°C
3.6V +25°C
2.3V –40°C
3.0V –40°C
3.6V –40°C
2.3V +85°C
3.0V +85°C
3.6V +85°C
DATA RATE = 19.6kbps
SYMBOL RATE = 9.8ksym/s
fDEV (inner) = 2.4kHz
MOD INDEX = 0.5
RF FREQ = 420MHz
IF BW = 12.5kHz
Figure 22. 4FSK Sensitivity vs. VDD and Temperature, fRF = 420 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com