Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 56 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 52Page - Analog Devices ADF7021 Datasheet HTML 53Page - Analog Devices ADF7021 Datasheet HTML 54Page - Analog Devices ADF7021 Datasheet HTML 55Page - Analog Devices ADF7021 Datasheet HTML 56Page - Analog Devices ADF7021 Datasheet HTML 57Page - Analog Devices ADF7021 Datasheet HTML 58Page - Analog Devices ADF7021 Datasheet HTML 59Page - Analog Devices ADF7021 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 56 of 64
REGISTER 9—AGC REGISTER
AGC_HIGH_THRESHOLD
LNA_
GAIN
AGC_
MODE
FILTER_
GAIN
AGC_LOW_THRESHOLD
ADDRESS
BITS
FI1
0
1
FILTER CURRENT
LOW
HIGH
0
1
2
3
AGC MODE
AUTO AGC
MANUAL AGC
FREEZE AGC
RESERVED
FG2
0
0
1
1
FG1
0
1
0
1
FILTER GAIN
8
24
72
INVALID
LG2
0
0
1
1
LG1
0
1
0
1
LNA GAIN
3
10
30
INVALID
GL3
0
0
0
1
.
.
.
1
1
1
GL1
1
0
1
0
.
.
.
1
0
1
AGC LOW
THRESHOLD
1
2
3
4
.
.
.
61
62
63
GL2
0
1
1
0
.
.
.
0
1
1
GL7
0
0
0
0
.
.
.
1
1
1
GL6
0
0
0
0
.
.
.
1
1
1
GL5
0
0
0
0
.
.
.
1
1
1
GL4
0
0
0
0
.
.
.
1
1
1
GH3
0
0
0
1
.
.
.
1
1
0
GH1
1
0
1
0
.
.
.
0
1
0
AGC HIGH
THRESHOLD
1
2
3
4
.
.
.
78
79
80
GH2
0
1
1
0
.
.
.
1
1
0
GH7
0
0
0
0
.
.
.
1
1
1
GH6
0
0
0
0
.
.
.
0
0
0
GH5
0
0
0
0
.
.
.
0
0
1
GH4
0
0
0
0
.
.
.
1
1
0
LI2
0
LI1
0
LNA BIAS
800µA (DEFAULT)
LG1
0
1
LNA MODE
DEFAULT
REDUCED GAIN
ML1
0
1
MIXER LINEARITY
DEFAULT
HIGH
Figure 71. Register 9—AGC Register Map
In receive mode, AGC is set to automatic AGC by default on
power-up. The default thresholds are AGC_LOW_THRESHOLD =
30 and AGC_HIGH_THRESHOLD = 70. See the RSSI/AGC
section for details. It is only necessary to program this register if
AGC settings, other than the defaults, are required.
AGC high and low settings must be more than 30 apart to
ensure correct operation.
An LNA gain of 30 is available only if LNA_MODE (DB25) is
set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com