Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 3Page - Analog Devices ADF7021 Datasheet HTML 4Page - Analog Devices ADF7021 Datasheet HTML 5Page - Analog Devices ADF7021 Datasheet HTML 6Page - Analog Devices ADF7021 Datasheet HTML 7Page - Analog Devices ADF7021 Datasheet HTML 8Page - Analog Devices ADF7021 Datasheet HTML 9Page - Analog Devices ADF7021 Datasheet HTML 10Page - Analog Devices ADF7021 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 7 of 64
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SPURIOUS EMISSIONS
Reference Spurs
−65
dBc
100 kHz loop bandwidth
HARMONICS5
13 dBm output power, unfiltered conductive/filtered conductive
Second Harmonic
−35/−52
dBc
Third Harmonic
−43/−60
dBc
All Other Harmonics
−36/−65
dBc
OPTIMUM PA LOAD IMPEDANCE6
fRF = 915 MHz
39 + j61
Ω
fRF = 868 MHz
48 + j54
Ω
fRF = 450 MHz
98 + j65
Ω
fRF = 426 MHz
100 + j65
Ω
fRF = 315 MHz
129 + j63
Ω
fRF = 175 MHz
173 + j49
Ω
1
Using Gaussian or raised cosine filtering. The frequency deviation should be chosen to ensure that the transmit occupied signal bandwidth is within the receiver
IF filter bandwidth.
2
Using raised cosine filtering with an alpha = 0.7. The inner frequency deviation = 1.78 kHz, and the POST_DEMOD_BW = 24.6 kHz.
3
For the definition of frequency deviation, refer to the Register 2—Transmit Modulation Register section.
4
Measured as maximum unmodulated power.
5
Conductive filtered harmonic emissions measured on the EVAL-ADF7021DBx, which includes a T-stage harmonic filter (two inductors and one capacitor).
6
For matching details, refer to the LNA/PA Matching section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com