Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 32 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 28Page - Analog Devices ADF7021 Datasheet HTML 29Page - Analog Devices ADF7021 Datasheet HTML 30Page - Analog Devices ADF7021 Datasheet HTML 31Page - Analog Devices ADF7021 Datasheet HTML 32Page - Analog Devices ADF7021 Datasheet HTML 33Page - Analog Devices ADF7021 Datasheet HTML 34Page - Analog Devices ADF7021 Datasheet HTML 35Page - Analog Devices ADF7021 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 32 of 64
RSSI Formula (Converting to dBm)
The RSSI formula is
Input Power [dBm] =
−130 dBm + (Readback Code + Gain Mode Correction) × 0.5
where:
Readback Code is given by Bit RV7 to Bit RV1 in the readback
register (see the Readback Format section).
Gain Mode Correction is given by the values in Table 15.
The LNA gain (LG2, LG1) and filter gain (FG2, FG1) values
are also obtained from the readback register, as part of an RSSI
readback.
Table 15. Gain Mode Correction
LNA Gain
(LG2, LG1)
Filter Gain
(FG2, FG1)
Gain Mode
Correction
H (1, 0)
H (1, 0)
0
M (0, 1)
H (1, 0)
24
M (0, 1)
M (0, 1)
38
M (0, 1)
L (0, 0)
58
L (0, 0)
L (0, 0)
86
An additional factor should be introduced to account for losses
in the front-end-matching network/antenna.
DEMODULATION, DETECTION, AND CDR
System Overview
An overview of the demodulation, detection, and clock and
data recovery (CDR) of the received signal on the ADF7021 is
shown in Figure 46.
The quadrature outputs of the IF filter are first limited and
then fed to either the correlator FSK demodulator or the
linear FSK demodulator. The correlator demodulator is used
to demodulate 2FSK, 3FSK, and 4FSK. The linear demodulator
is used for frequency measurement and is enabled when the
AFC loop is active. The linear demodulator can also be used
to demodulate 2FSK.
Following the demodulator, a digital post demodulator filter
removes excess noise from the demodulator signal output.
Threshold/slicer detection is used for data recovery of 2FSK and
4FSK. Data recovery of 3FSK can be implemented using either
threshold detection or Viterbi detection.
An on-chip CDR PLL is used to resynchronize the received bit
stream to a local clock. It outputs the retimed data and clock on
the TxRxDATA and TxRxCLK pins, respectively.
I
Q
LIMITERS
VITERBI
DETECTION
MUX
CLOCK
AND
DATA
RECOVERY
TxRxDATA
TxRx CLK
FREQUENCY
CORRELATOR
LINEAR
DEMODULATOR
MUX
3FSK
THRESHOLD
DETECTION
2/3/4FSK
Figure 46. Overview of Demodulation, Detection, and CDR Process
Correlator Demodulator
The correlator demodulator can be used for 2FSK, 3FSK, and
4FSK demodulation. Figure 47 shows the operation of the
correlator demodulator for 2FSK.
IF –
fDEV
IF +
fDEV
I
IF
Q
LIMITERS
R4_DB(10:19)
R4_DB7
DOT/CROSS PRODUCT
FREQUENCY CORRELATOR
DISCRIMINATOR BW
R4_DB9
Rx DATA INVERT
DISCRIM BW
2FSK = +1, –1
3FSK = +1, 0, –1
4FSK = +3, +1, –1, –3
OUTPUT LEVELS:
Figure 47. 2FSK Correlator Demodulator Operation
The quadrature outputs of the IF filter are first limited and then
fed to a digital frequency correlator that performs filtering and
frequency discrimination of the 2FSK/3FSK/4FSK spectrum.
For 2FSK modulation, data is recovered by comparing the
output levels from two correlators. The performance of this
frequency discriminator approximates that of a matched filter
detector, which is known to provide optimum detection in the
presence of additive white Gaussian noise (AWGN). This
method of FSK demodulation provides approximately 3 dB to
4 dB better sensitivity than a linear demodulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com