Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 61 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 56Page - Analog Devices ADF7021 Datasheet HTML 57Page - Analog Devices ADF7021 Datasheet HTML 58Page - Analog Devices ADF7021 Datasheet HTML 59Page - Analog Devices ADF7021 Datasheet HTML 60Page - Analog Devices ADF7021 Datasheet HTML 61Page - Analog Devices ADF7021 Datasheet HTML 62Page - Analog Devices ADF7021 Datasheet HTML 63Page - Analog Devices ADF7021 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 61 of 64
REGISTER 15—TEST MODE REGISTER
Rx_TEST_
MODES
Tx_TEST_
MODES
Σ-Δ_TEST_
MODES
PLL_TEST_
MODES
ANALOG_TEST_
MODES
CLK_-MUX
ADDRESS
BITS
ANALOG TEST MODES
0
BAND GAP VOLTGE
1
40µA CURRENT FROM REG4
2
FILTER I CHANNEL: STAGE 1
3
FILTER I CHANNEL: STAGE 2
4
FILTER I CHANNEL: STAGE 1
5
FILTER Q CHANNEL: STAGE 1
6
FILTER Q CHANNEL: STAGE 2
7
FILTER Q CHANNEL: STAGE 1
8
ADC REFERENCE VOLTAGE
9
BIAS CURRENT FROM RSSI 5µA
10
FILTER COARSE CAL OSCILLATOR O/P
11
ANALOG RSSI I CHANNEL
12
OSET LOOP +VE FBACK V (I CH)
13
SUMMED O/P OF RSSI RECTIFIER+
14
SUMMED O/P OF RSSI RECTIFIER–
15
BIAS CURRENT FROM BB FILTER
Rx TEST MODES
0
NORMAL
1
SCLK, SDATA -> I, Q
2
REVERSE I,Q
3
LINEAR SLICER ON RXDATA
4
CORRELATOR SLICER ON TxRxDATA
ADDITIONAL FILTERING ON I, Q
ENVELOPE DETECTOR WATCHDOG DISABLED
RESERVED
ENABLE REG 14 DEMOD PARAMETERS
PROHIBIT CALACTIVE
ENABLE DEMOD DURING CAL
FORCE CALACTIVE
5
6
I,Q TO TxRxCLK, TxRxDATA
7
8
9
10
11
12
POWER DOWN DDT AND ED IN T/4 MODE
13
14
15
Tx TEST MODES
0
Tx CARRIER ONLY
1
Tx +VE TONE ONLY
2
Tx –VE TONE ONLY
3
Tx "1010" PATTERN
4
Tx PN9 DATA, AT PROGRAMED RATE
5
Tx SYNC BYTE REPEATEDLY
6
Σ-Δ TEST MODES
0
DEFAULT, 3RD ORDER SD, NO DITHER
1
1ST ORDER SD
2
2ND ORDER SD
3
DITHER TO FIRST STAGE
4
DITHER TO SECOND STAGE
5
DITHER TO THIRD STAGE
6
DITHER × 8
7
DITHER × 32
PLL TEST MODES
0
NORMAL OPERATION
1
R DIV
2
N DIV
3
RCNTR/2 ON MUXOUT
4
NCNTR/2 ON MUXOUT
5
ACNTR TO MUXOUT
6
PFD PUMP UP TO MUXOUT
7
PFD PUMP DN TO MUXOUT
8
SDATA TO MUXOUT (OR SREAD?)
9
ANALOG LOCK DETECT ON MUXOUT
10
END OF COARSE CAL ON MUXOUT
11
END OF FINE CAL ON MUXOUT
12
13
TEST MUX SELECTS DATA
14
LOCK DETECT PERCISION
15
RESERVED
PFD/CP TEST MODES
0
DEFAULT, NO BLEED
1
(+VE) CONSTANT BLEED
2
(–VE) CONSTANT BLEED
3
(–VE) PULSED BLEED
4
(–VE) PULSE BLD, DELAY UP?
5
CP PUMP UP
6
CP TRI-STATE
7
CP PUMP DN
CLK MUXES on CLKOUT pin
0
1
2
3
4
5
6
7
CAL OVERRIDE
0
AUTO CAL
1
OVERRIDE GAIN
2
OVERRIDE BW
3
OVERRIDE BW AND GAIN
FORCE LD HIGH
0
NORMAL
1
FORCE
REG1 PD
0
NORMAL
1
PWR DWN
SDATA TO CDR
FORCE NEW PRESCALER CONFIG.
FOR ALL N
NORMAL OPERATION
NORMAL, NO OUTPUT
DEMOD CLK
CDR CLK
SEQ CLK
BB OFFSET CLK
SIGMA DELTA CLK
ADC CLK
TxRxCLK
3FSK SLICER ON TxRxDATA
Figure 77. Register 15—Test Mode Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com