Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 41 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 37Page - Analog Devices ADF7021 Datasheet HTML 38Page - Analog Devices ADF7021 Datasheet HTML 39Page - Analog Devices ADF7021 Datasheet HTML 40Page - Analog Devices ADF7021 Datasheet HTML 41Page - Analog Devices ADF7021 Datasheet HTML 42Page - Analog Devices ADF7021 Datasheet HTML 43Page - Analog Devices ADF7021 Datasheet HTML 44Page - Analog Devices ADF7021 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 41 of 64
PACKET STRUCTURE AND CODING
The suggested packet structure to use with the ADF7021 is
shown in Figure 53.
PREAMBLE
SYNC
WORD
ID
FIELD
DATA FIELD
CRC
Figure 53. Typical Format of a Transmit Protocol
Refer to the Receiver Setup section for information on the
required preamble structure and length for the various modulation
schemes.
PROGRAMMING AFTER INITIAL POWER-UP
Table 22 lists the minimum number of writes needed to set up
the ADF7021 in either Tx or Rx mode after CE is brought high.
Additional registers can also be written to tailor the part to a
particular application, such as setting up sync byte detection or
enabling AFC. When going from Tx to Rx or vice versa, the
user needs to toggle the Tx/Rx bit and write only to Register 0
to alter the LO by 100 kHz.
Table 22. Minimum Register Writes Required for Tx/Rx Setup
Mode
Registers
Tx
Reg 1
Reg 3
Reg 0
Reg 2
Rx
Reg 1
Reg 3
Reg 0
Reg 5
Reg 4
Tx to Rx and Rx to Tx
Reg 0
The recommended programming sequences for transmit and
receive are shown in Figure 54 and Figure 55, respectively. The
difference in the power-up routine for a TCXO and XTAL
reference is shown in these figures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com