Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 60 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 56Page - Analog Devices ADF7021 Datasheet HTML 57Page - Analog Devices ADF7021 Datasheet HTML 58Page - Analog Devices ADF7021 Datasheet HTML 59Page - Analog Devices ADF7021 Datasheet HTML 60Page - Analog Devices ADF7021 Datasheet HTML 61Page - Analog Devices ADF7021 Datasheet HTML 62Page - Analog Devices ADF7021 Datasheet HTML 63Page - Analog Devices ADF7021 Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 60 of 64
REGISTER 14—TEST DAC REGISTER
TEST_DAC_GAIN
TEST DAC OFFSET
ADDRESS
BITS
PULSE EXTENSION
0
1
2
3
NO PULSE EXTENSION
EXTENDED BY 1
EXTENDED BY 2
EXTENDED BY 3
ED PEAK RESPONSE
0
1
2
3
FULL RESPONSE TO PEAK
0.5 RESPONSE TO PEAK
0.25 RESPONSE TO PEAK
0.125 RESPONSE TO PEAK
TEST DAC GAIN
0
1
...
15
NO GAIN
× 2^1
...
× 2^15
ED LEAK FACTOR
0
1
2
3
4
5
6
7
LEAKAGE =
2^–8
2^–9
2^–10
2^–11
2^–12
2^–13
2^–14
2^–15
Figure 76. Register 14—Test DAC Register Map
The demodulator tuning parameters, PULSE_EXTENSION,
ED_LEAK_FACTOR, and ED_PEAK_RESPONSE, can only be
enabled by setting R15_DB[4:7] to 0x9.
Using the Test DAC to Implement Analog FM DEMOD
and Measuring SNR
The test DAC allows the post demodulator filter out for both
linear and correlator demodulators to be viewed externally. The
test DAC also takes the 16-bit filter output and converts it to a
high frequency, single-bit output using a second-order, error
feedback Σ-Δ converter. The output can be viewed on the SWD
pin. This signal, when filtered appropriately, can then be used to
do the following:
•
Monitor the signals at the FSK post demodulator filter
output. This allows the demodulator output SNR to be
measured. Eye diagrams of the received bit stream can also
be constructed to measure the received signal quality.
•
Provide analog FM demodulation.
While the correlators and filters are clocked by DEMOD CLK,
CDR CLK clocks the test DAC. Note that although the test
DAC functions in regular user mode, the best performance is
achieved when the CDR_CLK is increased to or above the
frequency of DEMOD CLK. The CDR block does not function
when this condition exists.
Programming Register 14 enables the test DAC. Both the
linear and correlator/demodulator outputs can be multiplexed
into the DAC.
Register 14 allows a fixed offset term to be removed from the
signal (to remove the IF component in the ddt case). It also has
a signal gain term to allow the usage of the maximum dynamic
range of the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com