Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 31 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 27Page - Analog Devices ADF7021 Datasheet HTML 28Page - Analog Devices ADF7021 Datasheet HTML 29Page - Analog Devices ADF7021 Datasheet HTML 30Page - Analog Devices ADF7021 Datasheet HTML 31Page - Analog Devices ADF7021 Datasheet HTML 32Page - Analog Devices ADF7021 Datasheet HTML 33Page - Analog Devices ADF7021 Datasheet HTML 34Page - Analog Devices ADF7021 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 31 of 64
The calibration algorithm adjusts the filter center frequency
and measures the RSSI 10 times during the calibration. The
time for an adjustment plus RSSI measurement is given by
CLK
SEQ
LL_TIME
IF_CAL_DWE
Time
n
Calibratio
Tone
IF
=
It is recommended that the IF tone calibration time be at least
500 µs. The total time for the IF filter fine calibration is given by
IF Filter Fine Calibration Time = IF Tone Calibration Time × 10
RSSI/AGC
The RSSI is implemented as a successive compression log amp
following the baseband (BB) channel filtering. The log amp
achieves ±3 dB log linearity. It also doubles as a limiter to
convert the signal-to-digital levels for the FSK demodulator.
The offset correction circuit uses the BBOS_CLK_DIVIDE bits
(R3_DB[4:5]), which should be set between 1 MHz and 2 MHz.
The RSSI level is converted for user readback and for digitally
controlled AGC by an 80-level (7-bit) flash ADC. This level can
be converted to input power in dBm. By default, the AGC is on
when powered up in receive mode.
1
IFWR
IFWR
IFWR
IFWR
LATCH
A
A
A
R
CLK
ADC
OFFSET
CORRECTION
RSSI
FSK
DEMOD
Figure 45. RSSI Block Diagram
RSSI Thresholds
When the RSSI is above AGC_HIGH_THRESHOLD
(R9_DB[11:17]), the gain is reduced. When the RSSI is
below AGC_LOW_THRESHOLD (R9_DB[4:10]), the gain
is increased. The thresholds default to 30 and 70 on power-up
in receive mode. A delay (set by AGC_CLOCK_DIVIDE,
R3_DB[26:31]) is programmed to allow for settling of the loop.
A value of 10 is recommended.
The user has the option of changing the two threshold values
from the defaults of 30 and 70 (Register 9). The default AGC
setup values should be adequate for most applications. The
threshold values must be chosen to be more than 30 apart for
the AGC to operate correctly.
Offset Correction Clock
In Register 3, the user should set the BBOS_CLK_DIVIDE bits
(R3_DB[4:5]) to give a baseband offset clock (BBOS CLK)
frequency between 1 MHz and 2 MHz.
BBOS CLK [Hz] = XTAL/(BBOS_CLK_DIVIDE)
where BBOS_CLK_DIVIDE can be set to 4, 8, 16, or 32.
AGC Information and Timing
AGC is selected by default and operates by setting the appropriate
LNA and filter gain settings for the measured RSSI level. It is
possible to disable AGC by writing to Register 9 if the user wants to
enter one of the modes listed in Table 14. The time for the AGC
circuit to settle and, therefore, the time it takes to measure the RSSI
accurately, is typically 300 µs. However, this depends on how many
gain settings the AGC circuit has to cycle through. After each gain
change, the AGC loop waits for a programmed time to allow
transients to settle. This AGC update rate is set according to
AGC Update Rate [Hz] =
DIVIDE
CLK
AGC
DIVIDE
CLK
SEQ
_
_
[Hz]
_
_
where:
AGC_CLK_DIVIDE is set by R3_DB[26:31]. A value of 10 is
recommended.
SEQ_CLK_DIVIDE = 100 kHz (R3_DB[18:25]).
By using the recommended setting for AGC_CLK_DIVIDE, the
total AGC settling time is
[Hz]
[sec]
Rate
Update
AGC
Changes
Gain
AGC
of
Number
Time
Settling
AGC
=
The worst case for AGC settling is when the AGC control loop
has to cycle through all five gain settings, which gives a maximum
AGC settling time of 500 µs.
Table 14. LNA/Mixer Modes
Receiver Mode
LNA_MODE
(R9_DB25)
LNA_GAIN
(R9_DB[20:21])
MIXER_LINEARITY
(R9_DB28)
Sensitivity
(2FSK, DR = 4.8 kbps,
fDEV = 4 kHz)
Rx Current
Consumption (mA)
Input IP3
(dBm)
High Sensitivity
Mode (Default)
0
30
0
−118
24.6
−24
Enhanced Linearity
High Gain
0
30
1
−114.5
24.6
−20
Medium Gain
1
10
0
−112
22.1
−13.5
Enhanced Linearity
Medium Gain
1
10
1
−105.5
22.1
−9
Low Gain
1
3
0
−100
22.1
−5
Enhanced Linearity
Low Gain
1
3
1
−92.3
22.1
−3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com