Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices ADF7021 Datasheet HTML 24Page - Analog Devices ADF7021 Datasheet HTML 25Page - Analog Devices ADF7021 Datasheet HTML 26Page - Analog Devices ADF7021 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 23 of 64
The free design tool ADIsimPLL can also be used to design loop
filters for the ADF7021 (go to www.analog.com/ADIsimPLL for
details).
N Counter
The feedback divider in the ADF7021 PLL consists of an 8-bit
integer counter (R0_DB[19:26]) and a 15-bit Σ-Δ fractional_N
divider (R0_DB[4:18]). The integer counter is the standard
pulse-swallow type that is common in PLLs. This sets the
minimum integer divide value to 23. The fractional divide value
provides very fine resolution at the output, where the output
frequency of the PLL is calculated as


15
2
_
_
N
Fractional
N
Integer
R
XTAL
f
OUT
When RF_DIVIDE_BY_2 (see the Voltage Controlled
Oscillator (VCO) section) is selected, this formula becomes
15
2
_
0.5
N
Fractional
Integer_N
R
XTAL
f
OUT
The combination of the integer_N (maximum = 255) and
the fractional_N (maximum = 32,768/32,768) give a maximum
N divider of 255 + 1. Therefore, the minimum usable PFD is


1
255
Hz
Frequency
Output
Required
Maximum
PFD
MIN
For example, when operating in the European 868 MHz to
870 MHz band, PFDMIN equals 3.4 MHz.
VCO
4\N
THIRD-ORDER
Σ-∆ MODULATOR
PFD/
CHARGE
PUMP
4\R
INTEGER-N
FRACTIONAL-N
REFERENCE IN
Figure 34. Fractional-N PLL
Voltage Regulators
The ADF7021 contains four regulators to supply stable voltages
to the part. The nominal regulator voltage is 2.3 V. Regulator 1
requires a 3.9 Ω resistor and a 100 nF capacitor in series between
CREG1 and GND, whereas the other regulators require a 100 nF
capacitor connected between CREGx and GND. When CE is
high, the regulators and other associated circuitry are powered
on, drawing a total supply current of 2 mA. Bringing the CE pin
low disables the regulators, reduces the supply current to less
than 1 μA, and erases all values held in the registers. The serial
interface operates from a regulator supply. Therefore, to write to
the part, the user must have CE high and the regulator voltage
must be stabilized. Regulator status (CREG4) can be monitored
using the REGULATOR_READY signal from MUXOUT.
MUXOUT
The MUXOUT pin allows access to various digital points in the
ADF7021. The state of MUXOUT is controlled by R0_DB[29:31].
REGULATOR_READY
REGULATOR_READY is the default setting on MUXOUT
after the transceiver is powered up. The power-up time of
the regulator is typically 50 μs. Because the serial interface
is powered from the regulator, the regulator must be at its
nominal voltage before the ADF7021 can be programmed.
The status of the regulator can be monitored at MUXOUT.
When the regulator ready signal on MUXOUT is high,
programming of the ADF7021 can begin.
REGULATOR_READY (DEFAULT)
DIGITAL_LOCK_DETECT
RSSI_READY
Tx_Rx
LOGIC_ZERO
TRISTATE
MUX
CONTROL
DGND
DVDD
MUXOUT
FILTER_CAL_COMPLETE
LOGIC_ONE
Figure 35. MUXOUT Circuit
FILTER_CAL_COMPLETE
MUXOUT can be set to FILTER_CAL_COMPLETE. This signal
goes low for the duration of both a coarse IF filter calibration
and a fine IF filter calibration. It can be used as an interrupt to a
microcontroller to signal the end of the IF filter calibration.
DIGITAL_LOCK_DETECT
DIGITAL_LOCK_DETECT indicates when the PLL has locked.
The lock detect circuit is located at the PFD. When the phase
error on five consecutive cycles is less than 15 ns, lock detect is
set high. Lock detect remains high until a 25 ns phase error is
detected at the PFD.
RSSI_READY
MUXOUT can be set to RSSI_READY. This indicates that the
internal analog RSSI has settled and a digital RSSI readback
can be performed.
Tx_Rx
Tx_Rx signifies whether the ADF7021 is in transmit or receive
mode. When in transmit mode, this signal is low. When in
receive mode, this signal is high. It can be used to control an
external Tx/Rx switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com