Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices ADF7021 Datasheet HTML 21Page - Analog Devices ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices ADF7021 Datasheet HTML 24Page - Analog Devices ADF7021 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 21 of 64
+1
–1
0
4
20834 ACQS
M 20µs
C13
1.7V
RF I/P LEVEL = –70dBm
DATA RATE = 10kbps
fDEV = 2.5kHz
IF BW = 12.5kHz
POST DEMOD BW = 12.4kHz
Figure 29. 3FSK Receiver Eye Diagram Measured Using the Test DAC Output
LNA GAIN, FILTER GAIN
–130
–120
–110
–100
–90
–80
–70
3, 72
(LOW GAIN MODE)
10, 72
(MEDIUM GAIN MODE)
30, 72
(HIGH GAIN MODE)
HIGH MIXER
LINEARITY
DEFAULT
MIXER
LINEARITY
MODULATION = 2FSK
DATA RATE = 9.6kbps
fDEV = 4kHz
IF BW = 12.5kHz
DEMOD = CORRELATOR
SENSITIVITY @ 1E-3 BER
IP3 = –3dBm
IP3= –5dBm
IP3 = –9dBm
IP3 = –13.5dBm
IP3 = –24dBm
IP3 = –20dBm
Figure 30. Receive Sensitivity vs. LNA/IF Filter Gain and Mixer Linearity Settings
(The Input IP3 at Each Setting is Also Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com