Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 29 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 25Page - Analog Devices ADF7021 Datasheet HTML 26Page - Analog Devices ADF7021 Datasheet HTML 27Page - Analog Devices ADF7021 Datasheet HTML 28Page - Analog Devices ADF7021 Datasheet HTML 29Page - Analog Devices ADF7021 Datasheet HTML 30Page - Analog Devices ADF7021 Datasheet HTML 31Page - Analog Devices ADF7021 Datasheet HTML 32Page - Analog Devices ADF7021 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 29 of 64
MODULATION AND FILTERING OPTIONS
The various modulation and data filtering options are described
in Table 11.
Table 11. Modulation and Filtering Options
Modulation
Data Filtering
R2_DB[4:6]
BINARY FSK
2FSK
None
000
MSK1
None
000
OQPSK with half sine
baseband shaping2
None
000
GFSK
Gaussian
001
GMSK3
Gaussian
001
RC2FSK
Raised cosine
101
Oversampled 2FSK
None
100
3-LEVEL FSK
3FSK
None
010
RC3FSK
Raised cosine
110
4-LEVEL FSK
4FSK
None
011
RC4FSK
Raised cosine
111
1
MSK is 2FSK modulation with a modulation index = 0.5.
2
Offset quadrature phase shift keying (OQPSK) with half sine baseband
shaping is spectrally equivalent to MSK.
3
GMSK is GFSK with a modulation index = 0.5.
TRANSMIT LATENCY
Transmit latency is the delay time from the sampling of a
bit/symbol by the TxRxCLK signal to when that bit/symbol
appears at the RF output. The latency without any data filtering
is 1 bit. The addition of data filtering adds a further latency as
outlined in Table 12.
It is important that the ADF7021 be left in transmit mode after
the last data bit is sampled by the data clock to account for this
latency. The ADF7021 should stay in transmit mode for a time
equal to the number of latency bit periods for the applied
modulation scheme. This ensures that all of the data sampled by
the TxRxCLK signal appears at RF.
The figures for latency in Table 12 assume that the positive
TxRxCLK edge is used to sample data (default). If the TxRxCLK
is inverted by setting R2_DB[28:29], an additional 0.5 bit
latency can be added to all values in Table 12.
Table 12. Bit/Symbol Latency in Transmit Mode for Various
Modulation Schemes
Modulation
Latency
2FSK
1 bit
GFSK
4 bits
RC2FSK, Alpha = 0.5
5 bits
RC2FSK, Alpha = 0.7
4 bits
3FSK
1 bit
RC3FSK, Alpha = 0.5
5 bits
RC3FSK, Alpha = 0.7
4 bits
4FSK
1 symbol
RC4FSK, Alpha = 0.5
5 symbols
RC4FSK, Alpha = 0.7
4 symbols
TEST PATTERN GENERATOR
The ADF7021 has a number of built-in test pattern generators
that can be used to facilitate radio link setup or RF measurement.
A full list of the supported patterns is shown in Table 13. The
data rate for these test patterns is the programmed data rate set
in Register 3.
The PN9 sequence is suitable for test modulation when carrying
out adjacent channel power (ACP) or occupied bandwidth
measurements.
Table 13. Transmit Test Pattern Generator Options
Test Pattern
R15_DB[8:10]
Normal
000
Transmit Carrier
001
Transmit + fDEV tone
010
Transmit − fDEV tone
011
Transmit 1010 pattern
100
Transmit PN9 sequence
101
Transmit SWD pattern repeatedly
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com