Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 26 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 22Page - Analog Devices ADF7021 Datasheet HTML 23Page - Analog Devices ADF7021 Datasheet HTML 24Page - Analog Devices ADF7021 Datasheet HTML 25Page - Analog Devices ADF7021 Datasheet HTML 26Page - Analog Devices ADF7021 Datasheet HTML 27Page - Analog Devices ADF7021 Datasheet HTML 28Page - Analog Devices ADF7021 Datasheet HTML 29Page - Analog Devices ADF7021 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 26 of 64
TRANSMITTER
RF OUTPUT STAGE
The power amplifier (PA) of the ADF7021 is based on a single-
ended, controlled current, open-drain amplifier that has been
designed to deliver up to 13 dBm into a 50 Ω load at a maximum
frequency of 950 MHz.
The PA output current and consequently, the output power, are
programmable over a wide range. The PA configuration is shown
in Figure 38. The output power is set using R2_DB[13:18].
IDAC
2
6
R2_DB(13:18)
R2_DB7
R2_DB(11:12)
+
RFGND
RFOUT
FROM VCO
R0_DB27
Figure 38. PA Configuration
The PA is equipped with overvoltage protection, which makes it
robust in severe mismatch conditions. Depending on the appli-
cation, users can design a matching network for the PA to exhibit
optimum efficiency at the desired radiated output power level
for a wide range of antennas, such as loop or monopole antennas.
See the LNA/PA Matching section for more information.
PA Ramping
When the PA is switched on or off quickly, its changing input
impedance momentarily disturbs the VCO output frequency.
This process is called VCO pulling, and it manifests as spectral
splatter or spurs in the output spectrum around the desired carrier
frequency. Some radio emissions regulations place limits on
these PA transient-induced spurs (for example, ETSI EN 300 220).
By gradually ramping the PA on and off, PA transient spurs are
minimized.
The ADF7021 has built-in PA ramping configurability. As
Figure 39 illustrates, there are eight ramp rate settings, defined
as a certain number of PA setting codes per one data bit period.
The PA steps through each of its 64 code levels but at different
speeds for each setting. The ramp rate is set by configuring
R2_DB[8:10].
If the PA is enabled/disabled by PA_ENABLE (R2_DB7), it
ramps up at the programmed rate but turns off hard. If the PA is
enabled/disabled by Tx/Rx (R0_DB27), it ramps up and down
at the programmed rate.
DATA BITS
PA RAMP 0
(NO RAMP)
PA RAMP 1
(256 CODES PER BIT)
PA RAMP 2
(128 CODES PER BIT)
PA RAMP 3
(64 CODES PER BIT)
PA RAMP 4
(32 CODES PER BIT)
PA RAMP 5
(16 CODES PER BIT)
PA RAMP 6
(8 CODES PER BIT)
PA RAMP 7
(4 CODES PER BIT)
1
2
3
4
...
8
...
16
Figure 39. PA Ramping Settings
PA Bias Currents
The PA_BIAS bits (R2_DB[11:12]) facilitate an adjustment of
the PA bias current to further extend the output power control
range, if necessary. If this feature is not required, the default
value of 9 µA is recommended. If output power of greater than
10 dBm is required, a PA bias setting of 11 µA is recommended.
The output stage is powered down by resetting R2_DB7.
MODULATION SCHEMES
The ADF7021 supports 2FSK, 3FSK, and 4FSK modulation.
The implementation of these modulation schemes is shown in
Figure 40.
VCO
÷N
THIRD-ORDER
Σ-Δ MODULATOR
PFD/
CHARGE
PUMP
REF
INTEGER-N
F_DEVIATION
TO
PA STAGE
1 – D2 PR
SHAPING
4FSK
BIT SYMBOL
MAPPER
MUX
TxDATA
2FSK
4FSK
GAUSSIAN
OR
RAISED COSINE
FILTERING
PRE-
CODER
3FSK
÷2
LOOP FILTER
FRAC_N
Figure 40. Transmit Modulation Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com