Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 35 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 31Page - Analog Devices ADF7021 Datasheet HTML 32Page - Analog Devices ADF7021 Datasheet HTML 33Page - Analog Devices ADF7021 Datasheet HTML 34Page - Analog Devices ADF7021 Datasheet HTML 35Page - Analog Devices ADF7021 Datasheet HTML 36Page - Analog Devices ADF7021 Datasheet HTML 37Page - Analog Devices ADF7021 Datasheet HTML 38Page - Analog Devices ADF7021 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 35 of 64
3FSK Viterbi Detector Setup
The Viterbi detector can be used for 3FSK data detection. This
is activated by setting R13_DB11 to Logic 1.
The Viterbi path memory length is programmable in steps of 4,
6, 8, or 32 bits (VITERBI_PATH_MEMORY, R13_DB[13:14]).
The path memory length should be set equal to or greater than
the maximum number of consecutive 0s in the interleaved
transmit bit stream.
The Viterbi detector also uses threshold levels to implement the
maximum likelihood detection algorithm. These thresholds are
programmable via the 3FSK/4FSK_SLICER_THRESHOLD bits
(R13_DB[4:10]).
These bits are assigned as follows:
3FSK/4FSK_SLICER_THRESHOLD =


×
×
×
3
10
100
7
5
K
Deviation
requency
Transmit F
where K is the value calculated for correlator discriminator
bandwidth.
3FSK Threshold Detector Setup
To activate threshold detection of 3FSK, R13_DB11 should be
set to Logic 0. The 3FSK/4FSK_SLICER_THRESHOLD bits
(R13_DB[4:10]) should be set as outlined in the 3FSK Viterbi
Detector Setup section.
3FSK CDR Setup
In 3FSK, a transmit preamble of at least 40 bits of continuous 1s
is recommended to ensure a maximum number of symbol
transitions for the CDR to acquire lock.
The clock and data recovery for 3FSK requires a number of
parameters in Register 13 to be set (see Table 20).
4FSK Threshold Detector Setup
The threshold for the 4FSK detector is set using the
3FSK/4FSK_SLICER_THRESHOLD bits (R13_DB[4:10]).
The threshold should be set according to
3FSK/4FSK_SLICER_THRESHOLD =


×
×
×
3
10
100
8
7
K
Deviation
Tx
Outer
4FSK
where K is the value calculated for correlator discriminator
bandwidth.
Table 20. 3FSK CDR Settings
Parameter
Recommended Setting
Purpose
PHASE_CORRECTION (R13_DB12)
1
Phase correction on
3FSK_CDR_THRESHOLD (R13_DB[15:21])


×
×
×
3
10
100
62
K
Deviation
requency
Transmit F
where K is the value calculated for
correlator discriminator bandwidth.
Sets CDR decision threshold levels
3FSK_PREAMBLE_TIME_VALIDATE (R13_DB [22:25])
1111
Preamble detector time qualifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com