Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 45 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 41Page - Analog Devices ADF7021 Datasheet HTML 42Page - Analog Devices ADF7021 Datasheet HTML 43Page - Analog Devices ADF7021 Datasheet HTML 44Page - Analog Devices ADF7021 Datasheet HTML 45Page - Analog Devices ADF7021 Datasheet HTML 46Page - Analog Devices ADF7021 Datasheet HTML 47Page - Analog Devices ADF7021 Datasheet HTML 48Page - Analog Devices ADF7021 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
Data Sheet
ADF7021
Rev. B | Page 45 of 64
SERIAL INTERFACE
The serial interface allows the user to program the 16-/32-bit
registers using a 3-wire interface (SCLK, SDATA, and SLE).
It consists of a level shifter, 32-bit shift register, and 16 latches.
Signals should be CMOS compatible. The serial interface is
powered by the regulator, and, therefore, is inactive when CE is low.
Data is clocked into the register, MSB first, on the rising edge of
each clock (SCLK). Data is transferred to one of 16 latches on the
rising edge of SLE. The destination latch is determined by the
value of the four control bits (C4 to C1); these are the bottom
4 LSBs, DB3 to DB0, as shown in Figure 2. Data can also be read
back on the SREAD pin.
READBACK FORMAT
The readback operation is initiated by writing a valid control
word to the readback register and enabling the READBACK bit
(R7_DB8 = 1). The readback can begin after the control word
has been latched with the SLE signal. SLE must be kept high
while the data is being read out. Each active edge at the SCLK
pin successively clocks the readback word out at the SREAD
pin, as shown in Figure 57, starting with the MSB first. The data
appearing at the first clock cycle following the latch operation
must be ignored. An extra clock cycle is needed after the 16th
readback bit to return the SREAD pin to tristate. Therefore, 18
total clock cycles are needed for each read back. After the 18th
clock cycle, SLE should be brought low.
AFC Readback
The AFC readback is valid only during the reception of FSK
signals with either the linear or correlator demodulator active.
The AFC readback value is formatted as a signed 16-bit integer
comprising Bit RV1 to Bit RV16 and is scaled according to the
following formula:
FREQ RB [Hz] = (AFC_READBACK × DEMOD CLK)/218
In the absence of frequency errors, FREQ RB is equal to the IF
frequency of 100 kHz. Note that, for the AFC readback to yield
a valid result, the down converted input signal must not fall outside
the bandwidth of the analog IF filter. At low input signal levels,
the variation in the readback value can be improved by averaging.
RSSI Readback
The format of the readback word is shown in Figure 57. It
comprises the RSSI-level information (Bit RV1 to Bit RV7), the
current filter gain (FG1, FG2), and the current LNA gain (LG1,
LG2) setting. The filter and LNA gain are coded in accordance
with the definitions in the Register 9—AGC Register section. For
signal levels below −100 dBm, averaging the measured RSSI values
improves accuracy. The input power can be calculated from the
RSSI readback value as outlined in the RSSI/AGC section.
Battery Voltage/ADCIN/Temperature Sensor Readback
The battery voltage is measured at Pin VDD4. The readback
information is contained in Bit RV1 to Bit RV7. This also
applies for the readback of the voltage at the ADCIN pin and
the temperature sensor. From the readback information, the
battery or ADCIN voltage can be determined using
VBATTERY = (BATTERY_VOLTAGE_READBACK)/21.1
VADCIN = (ADCIN_VOLTAGE_READBACK)/42.1
The temperature can be calculated using
Temp [°C] = −40 + (68.4 − TEMP_READBACK) × 9.32
Silicon Revision Readback
The silicon revision readback word is valid without setting any
other registers. The silicon revision word is coded with four
quartets in BCD format. The product code (PC) is coded with
three quartets extending from Bit RV5 to Bit RV16. The revision
code (RC) is coded with one quartet extending from Bit RV1 to
Bit RV4. The product code for the ADF7021 should read back
as PC = 0x210. The current revision code should read as RC = 0x4.
Filter Bandwidth Calibration Readback
The filter calibration readback word is contained in Bit RV1 to
Bit RV8. This readback can be used for manual filter adjust, thereby
avoiding the need to do an IF filter calibration in some instances.
The manual adjust value is programmed by R5_DB[14:19]. To
calculate the manual adjust based on a filter calibration readback,
use the following formula:
IF_FILTER_ADJUST = FILTER_CAL_READBACK − 128
The result should be programmed into R5_DB[14:19] as outlined
in the Register 5—IF Filter Setup Register section.
READBACK MODE
AFC READBACK
DB15
RV16
X
X
RV16
0
RSSI READBACK
BATTERY VOLTAGE/ADCIN/
TEMP. SENSOR READBACK
SILICON REVISION
FILTER CAL READBACK
READBACK VALUE
DB14
RV15
X
X
RV15
0
DB13
RV14
X
X
RV14
0
DB12
RV13
X
X
RV13
0
DB11
RV12
X
X
RV12
0
DB10
RV11
LG2
X
RV11
0
DB9
RV10
LG1
X
RV10
0
DB8
RV9
FG2
X
RV9
0
DB7
RV8
FG1
X
RV8
RV8
DB6
RV7
RV7
RV7
RV7
RV7
DB5
RV6
RV6
RV6
RV6
RV6
DB4
RV5
RV5
RV5
RV5
RV5
DB3
RV4
RV4
RV4
RV4
RV4
DB2
RV3
RV3
RV3
RV3
RV3
DB1
RV2
RV2
RV2
RV2
RV2
DB0
RV1
RV1
RV1
RV1
RV1
Figure 57. Readback Value Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com