Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7021 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF7021
Description  High Performance Narrow-Band Transceiver IC
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF7021 Datasheet HTML 12Page - Analog Devices ADF7021 Datasheet HTML 13Page - Analog Devices ADF7021 Datasheet HTML 14Page - Analog Devices ADF7021 Datasheet HTML 15Page - Analog Devices ADF7021 Datasheet HTML 16Page - Analog Devices ADF7021 Datasheet HTML 17Page - Analog Devices ADF7021 Datasheet HTML 18Page - Analog Devices ADF7021 Datasheet HTML 19Page - Analog Devices ADF7021 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 16 of 64
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VCOIN
CREG1
VDD1
RFOUT
RFGND
RFIN
RFINB
RLNA
VDD4
RSET
CREG4
GND4
CLKOUT
TxRxCLK
TxRxDATA
SWD
VDD2
CREG2
ADCIN
GND2
SCLK
SREAD
SDATA
SLE
1
2
3
4
5
6
7
ADF7021
TOP VIEW
(Not to Scale)
25
26
27
28
29
30
31
32
33
34
35
36
8
9
10
11
12
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO GND.
Figure 10. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCOIN
The tuning voltage on this pin determines the output frequency of the voltage controlled oscillator (VCO).
The higher the tuning voltage, the higher the output frequency.
2
CREG1
Regulator Voltage for PA Block. Place a series 3.9 Ω resistor and a 100 nF capacitor between this pin and
ground for regulator stability and noise rejection.
3
VDD1
Voltage Supply for PA Block. Place decoupling capacitors of 0.1 μF and 100 pF as close as possible to this pin.
Tie all VDD pins together.
4
RFOUT
The modulated signal is available at this pin. Output power levels are from −16 dBm to +13 dBm. The output
should be impedance matched to the desired load using suitable components (see the Transmitter section).
5
RFGND
Ground for Output Stage of Transmitter. All GND pins should be tied together.
6
RFIN
LNA Input for Receiver Section. Input matching is required between the antenna and the differential LNA
input to ensure maximum power transfer (see the LNA/PA Matching section).
7
RFINB
Complementary LNA Input (see the LNA/PA Matching section).
8
RLNA
External Bias Resistor for LNA. Optimum resistor is 1.1 kΩ with 5% tolerance.
9
VDD4
Voltage Supply for LNA/MIXER Block. This pin should be decoupled to ground with a 10 nF capacitor.
10
RSET
External Resistor. Sets charge pump current and some internal bias currents. Use a 3.6 kΩ resistor with 5% tolerance.
11
CREG4
Regulator Voltage for LNA/MIXER Block. Place a 100 nF capacitor between this pin and GND for regulator
stability and noise rejection.
12, 19, 22
GND4
Ground for LNA/MIXER Block.
13 to 18
MIX_I, MIX_I,
MIX_Q, MIX_Q,
FILT_I, FILT_I
Signal Chain Test Pins. These pins are high impedance under normal conditions and should be left unconnected.
20, 21, 23
FILT_Q, FILT_Q,
TEST_A
Signal Chain Test Pins. These pins are high impedance under normal conditions and should be left unconnected.
24
CE
Chip Enable. Bringing CE low puts the ADF7021 into complete power-down. Register values are lost when CE
is low, and the part must be reprogrammed once CE is brought high.
25
SLE
Load Enable, CMOS Input. When SLE goes high, the data stored in the shift registers is loaded into one of the
four latches. A latch is selected using the control bits.
26
SDATA
Serial Data Input. The serial data is loaded MSB first with the 4 LSBs as the control bits. This pin is a high
impedance CMOS input.
27
SREAD
Serial Data Output. This pin is used to feed readback data from the ADF7021 to the microcontroller. The SCLK
input is used to clock each readback bit (for example, AFC or ADC) from the SREAD pin.
28
SCLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into
the 32-bit shift register on the CLK rising edge. This pin is a digital CMOS input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com