Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 3Page - STMicroelectronics AN3203 Datasheet HTML 4Page - STMicroelectronics AN3203 Datasheet HTML 5Page - STMicroelectronics AN3203 Datasheet HTML 6Page - STMicroelectronics AN3203 Datasheet HTML 7Page - STMicroelectronics AN3203 Datasheet HTML 8Page - STMicroelectronics AN3203 Datasheet HTML 9Page - STMicroelectronics AN3203 Datasheet HTML 10Page - STMicroelectronics AN3203 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
AN3203
Main characteristics and circuit description
Doc ID 17402 Rev 2
7/49
The PFC_STOP pin is the interface for the PFC controller, it is connected to the L6563S
RUN pin through R104 and it stops the PFC operation (not latched) in case of overload,
output short-circuit or transformer saturation detection.
The +5 V and +3.3 V are obtained from the +12 VA bus (AHB output) thanks to two DC-DC
converters mounted on two daughter boards. These stages are driven by the L6727, single
phase PWM controller. The topology is a standard step down. For more information please
refer to the L6727; Single phase PWM controller datasheet.
The last stage is the auxiliary power supply that provides the +5 V_SB output (2A capability)
and the VCC supply for the L6563S and L6591. It is realized with a standard flyback
topology operating in CCM/DCM with fixed frequency using the VIPer27H. This stage takes
the PFC output voltage as input and is always working when the mains is plugged in. The
VIPer27H has all the protection needed to safely drive the standby stage. It protects the
circuitry in case of overload, output short-circuit, or output overvoltage.
All the other stages (and therefore the outputs +12 V, +5 V and +3.3 V) can be turned on /
off using the signal PS_ON. If it is disconnected or connected to GND, the OPTO2 current is
zero, Q601 is open and the VCC of the L6563S and L6591 is zero. If PS_ON is connected to
+5 V_SB, the OPTO2 current turns Q601 on. This BJT, together with the Zener diode
ZD601, acts as a linear regulator and provides the supply to the PFC and AHB controllers.
The same optocoupler is used to turn off the PFC and AHB stages in case of an overvoltage
on one of the three main outputs. Such protection is realized with three Zener diodes (one
for each output) that set the OVP thresholds. If one of the three output voltages goes over its
threshold, the Zener diode conducts and turns on the latch realized with Q604 and Q605.
The current in OPTO2 is reduced to zero (overriding the PS_ON information) and the
L6563S and L6591 are turned off.
Only the +5 V_SB stays on and continues to keep the protection latched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com