Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 18Page - STMicroelectronics AN3203 Datasheet HTML 19Page - STMicroelectronics AN3203 Datasheet HTML 20Page - STMicroelectronics AN3203 Datasheet HTML 21Page - STMicroelectronics AN3203 Datasheet HTML 22Page - STMicroelectronics AN3203 Datasheet HTML 23Page - STMicroelectronics AN3203 Datasheet HTML 24Page - STMicroelectronics AN3203 Datasheet HTML 25Page - STMicroelectronics AN3203 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Electrical performance
AN3203
22/49
Doc ID 17402 Rev 2
Some measurements with low output loads were also taken. They refer only to the operation
of the auxiliary stage, while the other stages are off. Results are shown in Table 7 and
Table 8 and plotted in Figure 17. The standby consumption allows the US Executive Order
13221 - “1-Watt Standby” to be met. To be more precise, when the output power is reduced
to 0.5 W, the input power is lower than 1 W (efficiency greater than 50 %). This is a very
common requirement for power supply manufacturers.
Table 7.
Low load efficiency @ 115 Vrms
Vout [V]
Iout [A]
Pout [W]
Pin [W]
Eff [%]
4.993
0.1
0.499
0.688
72.6 %
4.993
0.2003
1.000
1.312
76.2 %
4.993
0.3007
1.501
1.933
77.7 %
4.993
0.3996
1.995
2.544
78.4 %
4.993
0.5
2.497
3.163
78.9 %
4.993
0.6002
2.997
3.812
78.6 %
4.993
0.7006
3.498
4.501
77.7 %
4.993
0.7994
3.991
5.114
78.0 %
4.993
0.8998
4.493
5.664
79.3 %
4.993
1.0001
4.993
6.209
80.4 %
Table 8.
Low load efficiency @ 230 Vrms
Vout [V]
Iout [A]
Pout [W]
Pin [W]
Eff [%]
4.994
0.1
0.499
0.826
60.5 %
4.994
0.2002
1.000
1.471
68.0 %
4.994
0.3006
1.501
2.13
70.5 %
4.994
0.3995
1.995
2.798
71.3 %
4.994
0.4999
2.497
3.486
71.6 %
4.994
0.6001
2.997
4.161
72.0 %
4.994
0.7006
3.499
4.806
72.8 %
4.994
0.7994
3.992
5.304
75.3 %
4.994
0.8997
4.493
5.934
75.7 %
4.994
1
4.994
6.667
74.9 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com