Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 23Page - STMicroelectronics AN3203 Datasheet HTML 24Page - STMicroelectronics AN3203 Datasheet HTML 25Page - STMicroelectronics AN3203 Datasheet HTML 26Page - STMicroelectronics AN3203 Datasheet HTML 27Page - STMicroelectronics AN3203 Datasheet HTML 28Page - STMicroelectronics AN3203 Datasheet HTML 29Page - STMicroelectronics AN3203 Datasheet HTML 30Page - STMicroelectronics AN3203 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
AN3203
Electrical performance
Doc ID 17402 Rev 2
27/49
4.4
Single output configuration
The power supply overall efficiency is given by the product of the efficiency of each stage. It
is interesting to take a look at the efficiency of the single +12 V output system. Such power
supply can be obtained from the complete system just removing the two daughter boards
that realize the DC-DC post regulation. The single output system can manage the same
power of the multi-output board, hence it is capable of sourcing about 21 A from the +12 V
output.
The system is now made up of input filter, PFC stage, AHB stage and Stand-by stage. The
latter is left unloaded for the following efficiency measurements:
It is interesting to compare the result obtained with the single output configuration with the
80 PLUS® levels (see Table 3 and Table 4). The comparison is graphically shown in
Figure 23 and Figure 24.
Table 10.
Single output efficiency @ 115 Vac
Load [%]
Iout [A]
Vout [V]
Pout [W]
Pin [W]
Eff [%]
10 %
2.085
12.06
25.145
29.79
84.41%
20 %
4.17
12.06
50.290
56.27
89.37%
25 %
5.205
12.06
62.772
69.63
90.15%
50 %
10.421
12.05
125.573
137.4
91.39%
75 %
15.623
12.04
188.101
207.4
90.69%
100 %
20.829
12.03
250.573
279.8
89.55%
Table 11.
Single output efficiency @ 230 Vac
Load [%]
Iout [A]
Vout [V]
Pout [W]
Pin [W]
Eff [%]
10 %
2.084
12.06
25.133
31.02
81.02%
20 %
4.169
12.06
50.278
56.65
88.75%
25 %
5.204
12.06
62.760
69.39
90.45%
50 %
10.421
12.05
125.573
135.3
92.81%
75 %
15.622
12.04
188.089
203.9
92.25%
100 %
20.827
12.03
250.549
274.2
91.37%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com