Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 41Page - STMicroelectronics AN3203 Datasheet HTML 42Page - STMicroelectronics AN3203 Datasheet HTML 43Page - STMicroelectronics AN3203 Datasheet HTML 44Page - STMicroelectronics AN3203 Datasheet HTML 45Page - STMicroelectronics AN3203 Datasheet HTML 46Page - STMicroelectronics AN3203 Datasheet HTML 47Page - STMicroelectronics AN3203 Datasheet HTML 48Page - STMicroelectronics AN3203 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
AN3203
AUX flyback transformer specification
Doc ID 17402 Rev 2
45/49
Note:
Primaries A & B are in series
Cover wire ends with teflon tube
Figure 36.
Windings position
Table 16.
Winding characteristics
Pins
Winding
Current
Nr. of turns
Wire type
4 – A
Primary – A
0.17 ARMS
90
G2 – Ø 0.2 mm
2 layers
7,8 – 9,10
Secondary
2.8 ARMS
11
TIW – Ø 0.8 mm
1 layer
1 – 2
AUX – A
0.05 ARMS
11
G2 – Ø 0.15 mm
1 layer
2 – 3
AUX – B
0.05 ARMS
28
A – 5
Primary – B
0.17 ARMS
90
G2 – Ø 0.2 mm
2 layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com