Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 38Page - STMicroelectronics AN3203 Datasheet HTML 39Page - STMicroelectronics AN3203 Datasheet HTML 40Page - STMicroelectronics AN3203 Datasheet HTML 41Page - STMicroelectronics AN3203 Datasheet HTML 42Page - STMicroelectronics AN3203 Datasheet HTML 43Page - STMicroelectronics AN3203 Datasheet HTML 44Page - STMicroelectronics AN3203 Datasheet HTML 45Page - STMicroelectronics AN3203 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
AHB transformer specification
AN3203
42/49
Doc ID 17402 Rev 2
Note:
Cover wire ends with silicon/teflon tube:
Use red tube for Ton-DR-Flyingwire
Use white tube for Toff-DR-Flyingwire
Figure 33.
Windings position
8.2
Mechanical aspect and pin numbering
●
Maximum height from PCB: 33 mm
●
Coil former type: vertical, 6+6 pins
●
Pin distance: 5.08 mm
●
Row distance: 30.5 mm
●
Pin removed: # 5
●
Manufacturer: Magnetica
●
P/N: 1754.0004
Table 15.
Winding characteristics
Pins
Winding
Current
Nr. of turns
Wire type
4 – 3
Primary
2.1 ARMS
34
TIW – 2 x Ø0.4 mm
4 layers
9,10 – 7,8
Secondary 1
15 ARMS
2
Copper foil 0.2 x 17 mm
7,8 – 11,12
Secondary 2
19.7 ARMS
3
Copper foil 0.2 x 17 mm
TonFW – 9,10
Sec.1 AUX
0.1 ARMS
1
Ø 0.15 mm – G2
11,12 – ToffFW
Sec.2 AUX
0.1 ARMS
1
Ø 0.15 mm – G2
COIL FORMER
INSULATING
TAPE
3mm
3mm
SECONDARY 1
PRIMARY
SECONDARY 2
SEC. AUX 1 & 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com