Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 25Page - STMicroelectronics AN3203 Datasheet HTML 26Page - STMicroelectronics AN3203 Datasheet HTML 27Page - STMicroelectronics AN3203 Datasheet HTML 28Page - STMicroelectronics AN3203 Datasheet HTML 29Page - STMicroelectronics AN3203 Datasheet HTML 30Page - STMicroelectronics AN3203 Datasheet HTML 31Page - STMicroelectronics AN3203 Datasheet HTML 32Page - STMicroelectronics AN3203 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
AN3203
Electrical performance
Doc ID 17402 Rev 2
29/49
Figure 25.
AHB stage only efficiency (Vin = 400 Vdc)
When looking at these efficiency results we have also to keep in mind that the AHB stage is
a cost effective solution, thanks to a low count of components needed, no need of a
controller IC for the synchronous rectification and a small output choke.
Table 12.
AHB efficiency with 400 Vdc input
Load [%]
Iout [A]
Vout [V]
Pout [W]
Pin [W]
Eff [%]
10 %
2.078
12.06
25.061
28.61
87.59%
20 %
4.163
12.06
50.206
53.79
93.34%
25 %
5.213
12.06
62.869
66.6
94.40%
50 %
10.415
12.05
125.501
131.3
95.58%
75 %
15.616
12.04
188.017
197.9
95.01%
100 %
20.823
12.03
250.501
266.3
94.07%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com