Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 22Page - STMicroelectronics AN3203 Datasheet HTML 23Page - STMicroelectronics AN3203 Datasheet HTML 24Page - STMicroelectronics AN3203 Datasheet HTML 25Page - STMicroelectronics AN3203 Datasheet HTML 26Page - STMicroelectronics AN3203 Datasheet HTML 27Page - STMicroelectronics AN3203 Datasheet HTML 28Page - STMicroelectronics AN3203 Datasheet HTML 29Page - STMicroelectronics AN3203 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Electrical performance
AN3203
26/49
Doc ID 17402 Rev 2
Figure 21.
PF vs. input voltage
Figure 22.
THD vs. input voltage
Table 9.
PF vs. load
Load
115 Vac
230 Vac
20 %
0.972
0.857
50 %
0.984
0.954
100 %
0.992
0.981
0.800
0.825
0.850
0.875
0.900
0.925
0.950
0.975
1.000
80
120
160
200
240
280
PF
Vin [Vrms]
250W out
75W in
AM02539v1
AM02540v1
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
80
120
160
200
240
280
THD [%]
Vin [Vrms]
250W out
75W in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com