Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 24Page - STMicroelectronics AN3203 Datasheet HTML 25Page - STMicroelectronics AN3203 Datasheet HTML 26Page - STMicroelectronics AN3203 Datasheet HTML 27Page - STMicroelectronics AN3203 Datasheet HTML 28Page - STMicroelectronics AN3203 Datasheet HTML 29Page - STMicroelectronics AN3203 Datasheet HTML 30Page - STMicroelectronics AN3203 Datasheet HTML 31Page - STMicroelectronics AN3203 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Electrical performance
AN3203
28/49
Doc ID 17402 Rev 2
Figure 23.
Single output efficiency @ 115 Vac
Figure 24.
Single output efficiency @ 230 Vac
From the pictures it is immediately clear that the single output configuration is over
performing the 80 PLUS® GOLD efficiency targets and that it is close to the PLATINUM
ones.
Such performance has been achieved mainly thanks to the AHB stage, which is very
efficient. In Table 12 and Figure 25 efficiency data for the AHB stage only are given. These
measurements were taken by supplying the stage with a 400Vdc input voltage and with the
auxiliary operating without load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com