Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 10Page - STMicroelectronics AN3203 Datasheet HTML 11Page - STMicroelectronics AN3203 Datasheet HTML 12Page - STMicroelectronics AN3203 Datasheet HTML 13Page - STMicroelectronics AN3203 Datasheet HTML 14Page - STMicroelectronics AN3203 Datasheet HTML 15Page - STMicroelectronics AN3203 Datasheet HTML 16Page - STMicroelectronics AN3203 Datasheet HTML 17Page - STMicroelectronics AN3203 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Asymmetrical half bridge operation
AN3203
14/49
Doc ID 17402 Rev 2
Figure 8.
AHB transitions detail @ 20 % rated load
Ch1: LVG pin voltage (yellow)
Ch3: HVG pin voltage (purple)
Ch4: Primary winding current (green)
The key waveforms at the secondary side are shown in Figure 9. It is interesting to note that,
while the current is swapped between the two SR MOSFETs, the voltage at their drain is
nearly zero. The time required for current swap is directly proportional to the primary
leakage inductance. As mentioned before, the effect of this phenomenon is the duty cycle
losses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com