Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 37Page - STMicroelectronics AN3203 Datasheet HTML 38Page - STMicroelectronics AN3203 Datasheet HTML 39Page - STMicroelectronics AN3203 Datasheet HTML 40Page - STMicroelectronics AN3203 Datasheet HTML 41Page - STMicroelectronics AN3203 Datasheet HTML 42Page - STMicroelectronics AN3203 Datasheet HTML 43Page - STMicroelectronics AN3203 Datasheet HTML 44Page - STMicroelectronics AN3203 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
AN3203
AHB transformer specification
Doc ID 17402 Rev 2
41/49
8
AHB transformer specification
Application type: Consumer, IT
Transformer type: Open
Coil former: vertical type, 6+6 pins
Max. temp. rise: 45 °C
Max. operating ambient temp.: 60 °C
Mains insulation: Compliance with EN60950
8.1
Electrical characteristics
Converter topology: Asymmetrical half bridge
Core Type: PQ3230 – PC44 or equivalent
Operating frequency: 80 kHz
Primary inductance: 500
μH ±10 % @1 kHz – 0.25 V (a)
Air gap: 0.3 mm on central leg
Leakage inductance: 12
μH typ. @100 kHz – 0.25 V (b)
Primary capacitance: 6 pF typ.(c)
Max. peak primary current: 3.85 Apk
RMS primary current: 2 ARMS
Figure 32.
Electrical diagram
a.
Measured between pins 2-4
b.
Measured between pins 2-4 with secondaries and auxiliary windings shorted
c.
Calculated considering primary inductance and resonance frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com