Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 40Page - STMicroelectronics AN3203 Datasheet HTML 41Page - STMicroelectronics AN3203 Datasheet HTML 42Page - STMicroelectronics AN3203 Datasheet HTML 43Page - STMicroelectronics AN3203 Datasheet HTML 44Page - STMicroelectronics AN3203 Datasheet HTML 45Page - STMicroelectronics AN3203 Datasheet HTML 46Page - STMicroelectronics AN3203 Datasheet HTML 47Page - STMicroelectronics AN3203 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
AUX flyback transformer specification
AN3203
44/49
Doc ID 17402 Rev 2
9
AUX flyback transformer specification
●
Application type: Consumer, IT
●
Transformer type: Open
●
Coil former: vertical type, 5+5 pins
●
Max. temp. rise: 45 °C
●
Max. operating ambient temp.: 60 °C
●
Mains insulation: Compliance with EN60950
9.1
Electrical characteristics
●
Converter topology: Flyback, CCM/DCM mode
●
Core Type: E20/10/6 (EF20) - N87 or equivalent
●
Operating frequency: 115 kHz
●
Primary inductance: 1.7 mH 10 % @1 kHz - 0.25 V (d)
●
Air gap: 1.24 mm on central leg
●
Leakage inductance: 50 µH max. @100 kHz - 0.25 V (e)
●
Max. peak primary current: 0.74 Apk
●
RMS primary current: 0.17 ARMS
Figure 35.
Electrical diagram
d.
Measured between pins 1-3
e.
Measured between pins 1-3 with secondaries and auxiliary windings shorted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com