Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 32Page - STMicroelectronics AN3203 Datasheet HTML 33Page - STMicroelectronics AN3203 Datasheet HTML 34Page - STMicroelectronics AN3203 Datasheet HTML 35Page - STMicroelectronics AN3203 Datasheet HTML 36Page - STMicroelectronics AN3203 Datasheet HTML 37Page - STMicroelectronics AN3203 Datasheet HTML 38Page - STMicroelectronics AN3203 Datasheet HTML 39Page - STMicroelectronics AN3203 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Parts list
AN3203
36/49
Doc ID 17402 Rev 2
Q601
MMBT3904
NPN small signal BJT
Q603
MMBT3904
NPN small signal BJT
Q604
MMBT3904
NPN small signal BJT
Q605
MMBT3906
PNP small signal BJT
R1
0R33
Metal film resistor – 5 % – 250 ppm/°C – 2 W
R2
0R33
Metal film resistor – 5 % – 250 ppm/°C – 2 W
R3
6.8 R
SMD film resistor – 5 % – 250 ppm/°C – 0805
R4
6.8 R
SMD film resistor – 5 % – 250 ppm/°C – 0805
R5
47 K
SMD film resistor – 5 % – 250 ppm/°C – 0603
R6
47 K
SMD film resistor – 5 % – 250 ppm/°C – 0603
R7
10 R
SMD film resistor – 5 % – 250 ppm/°C – 0603
R8
2.2 Meg
SMD film resistor – 1 % – 100 ppm/°C – 1206
R9
2.2 Meg
SMD film resistor – 1 % – 100 ppm/°C – 1206
R10
2.2 Meg
SMD film resistor – 1 % – 100 ppm/°C – 1206
R11
51 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R12
1 Meg
SMD film resistor – 1 % – 100 ppm/°C – 0603
R13
2.4 K
Metal film resistor – 1% – 100 ppm/°C – 0.16 W
R14
6.8 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R15
2.4 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R16
220 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R17
1.5 Meg
SMD film resistor – 1 % – 100 ppm/°C – 1206
R18
1.5 Meg
SMD film resistor – 1 % – 100 ppm/°C – 1206
R19
1.5 Meg
SMD film resistor – 1 % – 100 ppm/°C – 1206
R20
1.6 Meg
SMD film resistor – 1 % – 100 ppm/°C – 1206
R21
1.6 Meg
SMD film resistor – 1% – 100 ppm/°C – 1206
R22
1.6 Meg
SMD film resistor – 1 % – 100 ppm/°C – 1206
R23
470 R
SMD film resistor – 5 % – 250 ppm/°C – 0603
R24
56 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R25
56 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R26
24 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R28
56 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R29
3.3 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R30
2.7 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R31
3.3 R
SMD film resistor – 5 % – 250 ppm/°C – 0805
R32
3.3 R
SMD film resistor – 5 % – 250 ppm/°C – 0805
Table 13.
EVL250W-ATX80PL bill of materials (continued)
Ref
Value
Description
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com