Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 28Page - STMicroelectronics AN3203 Datasheet HTML 29Page - STMicroelectronics AN3203 Datasheet HTML 30Page - STMicroelectronics AN3203 Datasheet HTML 31Page - STMicroelectronics AN3203 Datasheet HTML 32Page - STMicroelectronics AN3203 Datasheet HTML 33Page - STMicroelectronics AN3203 Datasheet HTML 34Page - STMicroelectronics AN3203 Datasheet HTML 35Page - STMicroelectronics AN3203 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Parts list
AN3203
32/49
Doc ID 17402 Rev 2
6
Parts list
Table 13.
EVL250W-ATX80PL bill of materials
Ref
Value
Description
Manufacturer
C1
220 µF
Electrolytic capacitor VXG – 450 V
Rubycon
C2
100 nF
Polypropylene capacitor 450 V
C3
1.0 µF
Polypropylene capacitor 450 V – ECWF2W105JA
Panasonic
C4
1 µF
SMD ceramic capacitor X7R – 16 V
AVX
C5
22 µF
Electrolytic capacitor 25 V – 105 °C
C6
0.1 µF
SMD ceramic capacitor X7R – 25 V
AVX
C7
3.3 nF
SMD ceramic capacitor X7R – 50 V
AVX
C8
2.2 nF
SMD ceramic capacitor X7R – 50 V
AVX
C9
560 pF
SMD ceramic capacitor NP0 – 50 V
AVX
C10
330 pF
SMD ceramic capacitor NP0 – 50 V
AVX
C11
470 pF
SMD ceramic capacitor X7R – 50 V
AVX
C12
220 nF
SMD ceramic capacitor X7R – 25 V
AVX
C13
1 nF
SMD ceramic capacitor X7R – 50 V
AVX
C14
33 nF
SMD ceramic capacitor X7R – 25 V
AVX
C15
10 nF
SMD ceramic capacitor X7R – 25 V
AVX
C101
1.0 µF
Polypropylene capacitor 450 V – ECWF2W105JA
Panasonic
C102
0.1 µF
SMD ceramic capacitor X7R – 25 V
AVX
C103
22 µF
Electrolytic capacitor 25 V – 105 °C
C104
10 nF
SMD ceramic capacitor X7R – 25 V
AVX
C105
0.1 µF
SMD ceramic capacitor X7R – 25 V
AVX
C106
220 pF
SMD ceramic capacitor NP0 – 50 V 1 %
AVX
C107
10 nF
SMD ceramic capacitor X7R – 25 V
AVX
C108
470 nF
SMD ceramic capacitor X7R – 16 V
AVX
C109
0.1 µF
SMD ceramic capacitor X7R – 25 V
AVX
C110
100 pF
SMD ceramic capacitor NP0 – 50 V
AVX
C112
10 nF
SMD ceramic capacitor X7R – 50 V
AVX
C201
1500 µF
Electrolytic capacitor HM – 16 V
Nichicon
C202
1500 µF
Electrolytic capacitor HM – 16 V
Nichicon
C203
4.7 nF
SMD ceramic capacitor X7R – 50 V
AVX
C204
3.3 nF
SMD ceramic capacitor X7R – 100 V
AVX
C205
220 nF
SMD ceramic capacitor X7R – 25 V
AVX
C206
0.1 µF
SMD ceramic capacitor X7R – 25 V
AVX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com