Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 15Page - STMicroelectronics AN3203 Datasheet HTML 16Page - STMicroelectronics AN3203 Datasheet HTML 17Page - STMicroelectronics AN3203 Datasheet HTML 18Page - STMicroelectronics AN3203 Datasheet HTML 19Page - STMicroelectronics AN3203 Datasheet HTML 20Page - STMicroelectronics AN3203 Datasheet HTML 21Page - STMicroelectronics AN3203 Datasheet HTML 22Page - STMicroelectronics AN3203 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
AN3203
Electrical performance
Doc ID 17402 Rev 2
19/49
4
Electrical performance
4.1
Efficiency measurement and no-load consumption
The efficiency measurements taken at the two nominal voltages are seen in the following
tables. The +5 V_SB output was unloaded during these measurements.
The 80 PLUS® program fixes several efficiency levels that describe how energy-efficient a
computer power supply is. The program defines the minimum efficiency requirements at 20
%, 50 %, 100 % of rated load and a minimum power factor requirement.
According to the program a power supply could be classified in 4 or 5 levels:
Note:
This table refers to power supplies for desktops, workstations, and non-redundant server
applications with 115 Vac mains
Table 1.
Efficiency @ 115 Vrms
Load
+12 V @load[A]
+5 V @load[A]
+3.3 V @load[A]
Pout [W]
Pin [W]
Eff [%]
20 %
12.13
2.702
5.02
2.409
3.33
1.6
50.196
58.5
85.81 %
25 %
12.13
3.374
5.019
3.008
3.329
2.004
62.695
71.97
87.11 %
50 %
12.13
6.749
5.012
6.007
3.325
3.999
125.27
140.22
89.34 %
75 %
12.13
10.122
5.003
9.006
3.318
6.008
187.77
211.19
88.91 %
100 %
12.12
13.5
4.996
12.003
3.313
8.001
250.09
285.41
87.63 %
Table 2.
Efficiency @ 230 Vrms
Load
+12 V @load[A]
+5 V @load[A]
+3.3 V @load[A]
Pout [W]
Pin [W]
Eff [%]
20 %
12.14
2.701
5.019
2.408
3.329
1.599
50.199
58.62
85.63 %
25 %
12.14
3.374
5.018
3.008
3.328
2.003
62.720
71.52
87.70 %
50 %
12.13
6.754
5.011
6.006
3.323
3.998
125.31
138.07
90.76 %
75 %
12.12
10.122
5.004
9.006
3.318
6.008
187.68
207.49
90.45 %
100 %
12.12
13.5
4.997
12.002
3.313
8.001
250.10
279.66
89.43 %
Table 3.
80 PLUS® program efficiency levels (115Vac)
Level
Eff @ 20 %
Eff @ 50 %
Eff @ 100 %
PF (@ load %)
80 PLUS
> 80 %
> 80 %
> 80 %
> 0.9 @ 100 %
80 PLUS Bronze
> 82 %
> 85 %
> 82 %
> 0.9 @ 50 %
80 PLUS Silver
> 85 %
> 88 %
> 85 %
> 0.9 @ 50 %
80 PLUS Gold
> 87 %
> 90 %
> 87 %
> 0.9 @ 50 %
80 PLUS Platinum
> 90 %
> 92 %
> 89 %
> 0.95 @ 50 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com