Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 16Page - STMicroelectronics AN3203 Datasheet HTML 17Page - STMicroelectronics AN3203 Datasheet HTML 18Page - STMicroelectronics AN3203 Datasheet HTML 19Page - STMicroelectronics AN3203 Datasheet HTML 20Page - STMicroelectronics AN3203 Datasheet HTML 21Page - STMicroelectronics AN3203 Datasheet HTML 22Page - STMicroelectronics AN3203 Datasheet HTML 23Page - STMicroelectronics AN3203 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Electrical performance
AN3203
20/49
Doc ID 17402 Rev 2
Note:
This table refers to power supplies for redundant, data center applications with 230Vac
mains
This demonstration board is compliant with the 80 PLUS® Silver specifications (for PF data
please refer to Table 9). Since this is basically a desktop PC power supply, the tests were
performed at 115 Vac. Certification report and other details can be found on the 80 PLUS®
web site.
Similar levels of efficiency and power factor are defined also by the Climate Savers
Computing Initiative. According to the measurements carried out, the demonstration board
is compliant with “Climate Savers Computing Silver” level.
Table 6 shows the no-load consumption. These values are taken with the signal PS_ON
kept low, therefore only the auxiliary stage is active and only the +5 V_SB output is present.
The board showed very good values (below 200 mW over the whole input voltage range),
especially when considering that the inactive stages have a certain residual consumption
(only the voltage dividers in the input stage waste about 100 mW @ 230 Vac).
Figure 14 and Figure 15 show the graph of the efficiency vs. output power at the two
nominal input voltages while Figure 16 shows the graph of the input power vs. input voltage
with no load applied. It is clearly visible that the power supply is compliant with the 80
PLUS® SILVER specification and it is very close to the GOLD one.
Table 4.
80 PLUS® program efficiency levels (230 Vac)
Level
Eff @ 20%
Eff @ 50%
Eff @ 100%
PF (@ load%)
80 PLUS Bronze
> 81%
> 85%
> 81%
> 0.9 @ 50%
80 PLUS Silver
> 85%
> 89%
> 85%
> 0.9 @ 50%
80 PLUS Gold
> 88%
> 92%
> 88%
> 0.9 @ 50%
80 PLUS Platinum
> 90%
> 94%
> 91%
> 0.95 @ 50%
Table 5.
Climate Savers Computing Initiative (for multi-output PSU)
Load
condition
Bronze
Silver
Gold
Efficiency
PF
Efficiency
PF
Efficiency
PF
20 %
82 %
0.8
85 %
0.8
87 %
0.8
50 %
85 %
0.9
88 %
0.9
90 %
0.9
100 %
82 %
0.95
85 %
0.95
87 %
0.95
Table 6.
No-load consumption
Vin [Vac]
90
115
135
180
230
264
Pin [mW]
59
70
82
113
161
199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com