Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3203 Datasheet HTML 35Page - STMicroelectronics AN3203 Datasheet HTML 36Page - STMicroelectronics AN3203 Datasheet HTML 37Page - STMicroelectronics AN3203 Datasheet HTML 38Page - STMicroelectronics AN3203 Datasheet HTML 39Page - STMicroelectronics AN3203 Datasheet HTML 40Page - STMicroelectronics AN3203 Datasheet HTML 41Page - STMicroelectronics AN3203 Datasheet HTML 42Page - STMicroelectronics AN3203 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
AN3203
Parts list
Doc ID 17402 Rev 2
39/49
R617
1 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R618
1.5 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R619
10 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R620
470 R
SMD film resistor – 1 % – 100 ppm/°C – 0603
R621
1 K
SMD film resistor – 1 % – 100 ppm/°C – 0603
R622
470 R
SMD film resistor – 1 % – 100 ppm/°C – 0603
R623
100 R
SMD film resistor – 1 % – 100 ppm/°C – 0603
R624
0 R
SMD film resistor – 0603
R626
1 K
SMD film resistor – 5 % – 250 ppm/°C – 0603
R627
1.5 K
SMD film resistor – 5 % – 250 ppm/°C – 0805
R628
200 R
SMD film resistor – 5 % – 250 ppm/°C – 0805
RX1
680 K
SMD film resistor – 5 % – 250 ppm/°C – 1206
RX2
680 K
SMD film resistor – 5 % – 250 ppm/°C – 1206
T1
Transformer
AHB transformer 1965.0003
Magnetica
T2
Transformer
AUX transformer 1031.0010
Magnetica
VDR1
Varistor
300 Vac – S14K300 – B72214S0301K101
EPCOS
ZD601
BZV55-B18
SMD Zener diode 18 V – 2 %
ZD603
BZX55B5V1
Zener diode 5V1 – 2 %
ZD604
BZX55-B13
Zener diode 13 V – 2 %
ZD605
BZX55B2V7
Zener diode 2V7 – 2 %
ZD606
BZV55-B36
SMD Zener diode 36 V – 2 %
Table 13.
EVL250W-ATX80PL bill of materials (continued)
Ref
Value
Description
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com