Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3203 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3203
Description  This application note describes the characteristics and performance
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3203 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3203 Datasheet HTML 1Page - STMicroelectronics AN3203 Datasheet HTML 2Page - STMicroelectronics AN3203 Datasheet HTML 3Page - STMicroelectronics AN3203 Datasheet HTML 4Page - STMicroelectronics AN3203 Datasheet HTML 5Page - STMicroelectronics AN3203 Datasheet HTML 6Page - STMicroelectronics AN3203 Datasheet HTML 7Page - STMicroelectronics AN3203 Datasheet HTML 8Page - STMicroelectronics AN3203 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
AN3203
Main characteristics and circuit description
Doc ID 17402 Rev 2
5/49
1
Main characteristics and circuit description
Here are the main characteristics of the power supply:
Input mains range:
Vin: 88 ~ 264 Vrms
f: 45 ~ 66 Hz
Outputs:
+12 Vdc ± 2 % - 13.5 A
+5 Vdc ± 2 % - 12 A
+3.3 Vdc ± 2 % - 8 A
+5 V_SB ± 2 % - 2 A
Standby consumption: < 0.2 W
Protection:
Short-circuit
–Overload
Output overvoltage
Brownout
PCB type and size:
–FR4
Double side CU 70 µm
148 x 120 mm
Safety: according to EN60950
EMI: according to EN55022 - class B
The EVL250W-ATX80PL demonstration board is made up of four main blocks, the
schematics are shown in Figure 2, 3, 4, and 5.
The front-end PFC stage is realized using a boost topology working in line modulated fixed
off time (LM-FOT) mode, described in STMicroelectronics’ application notes, AN1792;
Design of Fixed-Off-Time controlled PFC pre-regulators with the L6562 and AN3142;
Solution for designing a 400 W Fixed-Off-Time controlled PFC preregulator with the L6563S
and L6563H. The LM-FOT operation offers the advantage of having CCM operation (with
lower rms current with respect to TM mode) without the need to use a complex and
expensive controller. Therefore, it is possible to use the simple L6563S, enhanced TM PFC
controller, which integrates all the functions and protection, needed to control the stage, and
an interface with the downstream DC-DC converter.
The power stage of the PFC is realized with inductor L4, MOSFET Q1 and Q2, diode D3,
and capacitor C1. The LM-FOT operation is obtained with components D6, R15, C10, R14,
C9, R13, and Q3.
The PFC delivers a stable high voltage bus (+400 V nominal) to the downstream converters
(AHB and flyback) and provides for the reduction of the current harmonics drawn from the
mains, in order to meet the requirements of the European EN61000-3-2 norm and the
Japanese JEITA-MITI norm.
The second stage is an asymmetrical half bridge converter, driven by the L6591, a
STMicroelectronics controller dedicated to this topology. This IC integrates all the functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com